Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727 Datasheet(PDF) 16 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button A6727 Datasheet HTML 12Page - STMicroelectronics A6727 Datasheet HTML 13Page - STMicroelectronics A6727 Datasheet HTML 14Page - STMicroelectronics A6727 Datasheet HTML 15Page - STMicroelectronics A6727 Datasheet HTML 16Page - STMicroelectronics A6727 Datasheet HTML 17Page - STMicroelectronics A6727 Datasheet HTML 18Page - STMicroelectronics A6727 Datasheet HTML 19Page - STMicroelectronics A6727 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Application details
A6727
16/29
DocID025003 Rev 1
9
Application details
9.1
Output voltage selection
The A6727 is capable of precisely regulating an output voltage as low as 0.8 V. In fact, the
device has a fixed 0.8 V internal reference that guarantees the output regulated voltage
within ±1% tolerance over line and temperature variations between 0 °C and +70 °C
(excluding output resistor divider tolerance, when present).
The output voltage higher than 0.8 V can be easily achieved by adding a resistor ROS
between FB pin and ground. Referring to Figure 1, the steady-state DC output voltage is:
Equation 4
where VREF is 0.8 V.
9.2
Compensation network
The control loop showed in Figure 8 is a voltage mode control loop. The error amplifier is a
voltage mode type. The output voltage is regulated to the internal reference (when present,
the offset resistor, between FB node and GND, can be neglected in control loop calculation).
Error amplifier output is compared with oscillator sawtooth waveform to provide the driver
section with the PWM signal. The PWM signal is then transferred to the switching node with
VIN amplitude. This waveform is filtered by the output filter.
The converter transfer function is the small signal transfer function between the output of the
EA and VOUT. This function has a double pole at frequency FLC depending on the L-COUT
resonance and a zero at FESR depending on the output capacitor ESR. The DC gain of the
modulator is simply the input voltage VIN divided by the peak-to-peak oscillator voltage
ΔVOSC.
The compensation network closes the loop joining VOUT and EA output with transfer
function ideally equal to -ZF/ZFB.
V
OUT
V
REF
1
R
FB
R
OS
-----------
+


⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com