Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727 Datasheet(PDF) 9 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button A6727 Datasheet HTML 5Page - STMicroelectronics A6727 Datasheet HTML 6Page - STMicroelectronics A6727 Datasheet HTML 7Page - STMicroelectronics A6727 Datasheet HTML 8Page - STMicroelectronics A6727 Datasheet HTML 9Page - STMicroelectronics A6727 Datasheet HTML 10Page - STMicroelectronics A6727 Datasheet HTML 11Page - STMicroelectronics A6727 Datasheet HTML 12Page - STMicroelectronics A6727 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
DocID025003 Rev 1
9/29
A6727
Device description
4
Device description
The A6727 is a single-phase PWM controller with embedded high-current drivers that
provides complete control logic and protection to realize a general DC-DC step-down
converter. Designed to drive N-channel MOSFETs in a synchronous buck topology, with its
high level of integration, this 8-pin device allows a reduction of cost and size of the power
supply solution.
The A6727 is designed to operate from a 5 V to 12 V supply bus. Thanks to the high
precision 0.8 V internal reference, the output voltage can be precisely regulated as low as
0.8 V with ±1% accuracy over line and temperature variations (between 0 °C and +70
°C).The switching frequency is internally set to 300 kHz.
This device provides a simple control loop with a voltage-mode error amplifier. The error
amplifier features a 15 MHz gain-bandwidth product and 8 V/µs slew rate, allowing high
regulator bandwidth for fast transient response.
To avoid load damages, the A6727 provides overcurrent protection as well as overvoltage,
undervoltage and feedback disconnection protection. When the device is supplied from 5 V,
overcurrent trip threshold is programmable by a simple resistor. Output current is monitored
through low-side MOSFET RDS(on), saving the use of expensive and space-consuming
sense resistor. Output voltage and feedback disconnection are monitored through FB pin.
The A6727 implements soft-start by increasing the internal reference from 0 V to 0.8 V in 5.1
ms (typ.) in closed loop regulation. Low-side-less feature allows the device to perform the
soft-start over pre-biased output avoiding high-current return through the output inductor
and dangerous negative spikes at the load side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com