Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727 Datasheet(PDF) 12 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button A6727 Datasheet HTML 8Page - STMicroelectronics A6727 Datasheet HTML 9Page - STMicroelectronics A6727 Datasheet HTML 10Page - STMicroelectronics A6727 Datasheet HTML 11Page - STMicroelectronics A6727 Datasheet HTML 12Page - STMicroelectronics A6727 Datasheet HTML 13Page - STMicroelectronics A6727 Datasheet HTML 14Page - STMicroelectronics A6727 Datasheet HTML 15Page - STMicroelectronics A6727 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Soft-start and disable
A6727
12/29
DocID025003 Rev 1
6
Soft-start and disable
The A6727 implements a soft-start to smoothly charge the output filter avoiding the high in-
rush currents to the input power supply. The device progressively increases the internal
reference from 0 V to 0.8 V in about 5.1 ms, in closed loop regulation, gradually charging the
output capacitors to the final regulation voltage.
In case of an overcurrent triggering during the soft-start, the overcurrent logic overrides the
soft-start sequence and shuts down both the high-side and low-side gates for the internal
soft-start residual time (up to 2048 clock cycles) plus 2048 clock cycles, then it begins a new
soft-start.
The device begins soft-start phase only when VCC power supply is above UVLO threshold
and the overcurrent threshold setting phase has been completed.
6.1
Low-side-less startup (LS-less)
In order to manage the startup over pre-biased output, the A6727 performs a special
sequence enabling LS driver to switch: during the soft-start phase, LS driver is disabled
(LS = OFF) until HS starts switching. In this manner, the dangerous negative spike on the
output voltage is avoided.
If the output voltage is pre-biased to a voltage lower than the programmed one, neither HS
nor LS turn on until the soft-start ramp exceeds the output pre-bias voltage; then VOUT
ramps up from there, without any drop or current return.
If the output voltage is pre-biased to a voltage higher than the programmed one, HS never
starts switching. In this case, at the end of soft-start time, LS is enabled and discharges the
output to the final regulation value.
This particular feature masks the LS turn-on only from the control loop point of view:
protections by-pass LS-less, turning on the LS MOSFET if needed.
Figure 4. LS-less startup
Figure 5. Non-LS-less startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com