Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727 Datasheet(PDF) 7 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button A6727 Datasheet HTML 3Page - STMicroelectronics A6727 Datasheet HTML 4Page - STMicroelectronics A6727 Datasheet HTML 5Page - STMicroelectronics A6727 Datasheet HTML 6Page - STMicroelectronics A6727 Datasheet HTML 7Page - STMicroelectronics A6727 Datasheet HTML 8Page - STMicroelectronics A6727 Datasheet HTML 9Page - STMicroelectronics A6727 Datasheet HTML 10Page - STMicroelectronics A6727 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DocID025003 Rev 1
7/29
A6727
Electrical specifications
3.2
Electrical characteristics
VCC = 12 V; TA = - 40 °C to 85 °C, unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Recommended operating conditions
VCC
Device supply voltage
See Figure 1
4.1
13.2
V
VIN
Conversion input voltage
13.2
V
VCC < 7.0 V
19.0
V
Supply current and power-on
ICC
VCC supply current
UGATE and LGATE = open
6
mA
IBOOT
BOOT supply current
UGATE = open; PHASE to GND
0.5
mA
UVLO
VCC turn-on
VCC rising
4.1
V
Hysteresis
0.2
V
Oscillator
FSW
Main oscillator accuracy
TA = 25 °C
270
300
330
kHz
250
300
350
kHz
DVOSC
PWM ramp amplitude
1.5
V
dMAX
Maximum duty cycle
80
%
Reference
Output voltage accuracy
VOUT = 0.8 V, TA = 25 °C
-1
-
1
%
VOUT = 0.8 V
-1.5
1.5
%
Error amplifier
A0
DC gain(1)
120
dB
GBWP
Gain-bandwidth product(1)
15
MHz
SR
Slew rate(1)
8V/
μs
IFB
Input bias current
Sourced from FB
100
nA
DIS
Disable threshold
COMP falling
0.43
0.5
V
Gate drivers
IUGATE
HS source current
BOOT - PHASE = 5 V to 12 V
1.5
A
RUGATE
HS sink resistance
BOOT - PHASE = 5 V to 12 V
1.1
Ω
ILGATE
LS source current
VCC = 5 V to 12 V
1.5
A
RLGATE
LS sink resistance
VCC = 5 V to 12 V
0.65
Ω
Overcurrent protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com