Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727 Datasheet(PDF) 19 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button A6727 Datasheet HTML 15Page - STMicroelectronics A6727 Datasheet HTML 16Page - STMicroelectronics A6727 Datasheet HTML 17Page - STMicroelectronics A6727 Datasheet HTML 18Page - STMicroelectronics A6727 Datasheet HTML 19Page - STMicroelectronics A6727 Datasheet HTML 20Page - STMicroelectronics A6727 Datasheet HTML 21Page - STMicroelectronics A6727 Datasheet HTML 22Page - STMicroelectronics A6727 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
DocID025003 Rev 1
19/29
A6727
Application details
To place the poles and zeroes of the compensation network, the following suggestions may
be followed:
a)
set the gain RF/RFB in order to get the desired closed loop regulator bandwidth
according to the approximated formula (suggested values for RFB range from 2 kΩ
to 5 k
Ω):
Equation 7
b)
place FZ1 below FLC (typically 0.5*FLC):
c)
place FP1 at FESR:
d)
place FZ2 at FLC and FP2 at half of the switching frequency:
e)
check that compensation network gain is lower than open loop EA gain;
f)
estimate phase margin obtained (it should be greater than 45°) and repeat,
modifying parameters, if necessary.
9.3
Layout guidelines
The A6727 provides control functions and high-current integrated drivers to implement high-
current step-down DC-DC converters. In this kind of application, a good layout is very
important.
When placing components, the power section is the first priority because the length of each
connection and loop have to be reduced as minimum as possible. To minimize noise and
voltage spikes (EMI and losses), power connections (highlighted in Figure 10) must be part
of a power plane and realized by wide and thick copper traces: loop must be minimized. The
critical components, such as the power MOSFETs, must be very close one to the other. The
use of multi-layer printed circuit board is recommended.
The input capacitance (CIN), or at least a portion of the total capacitance needed, has to be
placed close to the power section in order to eliminate the stray inductance generated by
the copper traces. Low ESR and ESL capacitors are preferred, MLCC should be connected
near the HS drain.
Use a proper number of vias when power traces have to move between different planes on
the PCB in order to reduce both parasitic resistance and inductance. Moreover, the same
R
F
R
FB
----------
F
0dB
F
LC
------------
ΔV
OSC
V
IN
-------------------
⋅
=
C
F
1
π R
F
F
LC
⋅⋅
-----------------------------
=
C
P
C
F
2
π R
F
C
F
F
ESR
1
–
⋅⋅
⋅
----------------------------------------------------------
=
R
S
R
FB
F
SW
2F
⋅
LC
------------------
1
–
---------------------------
=
C
S
1
π R
S
F
SW
⋅⋅
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com