Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727 Datasheet(PDF) 1 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 1 Page - STMicroelectronics

  A6727 Datasheet HTML 1Page - STMicroelectronics A6727 Datasheet HTML 2Page - STMicroelectronics A6727 Datasheet HTML 3Page - STMicroelectronics A6727 Datasheet HTML 4Page - STMicroelectronics A6727 Datasheet HTML 5Page - STMicroelectronics A6727 Datasheet HTML 6Page - STMicroelectronics A6727 Datasheet HTML 7Page - STMicroelectronics A6727 Datasheet HTML 8Page - STMicroelectronics A6727 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
This is information on a product in full production.
July 2013
DocID025003 Rev 1
1/29
29
A6727
Single-phase PWM controller for automotive applications
Datasheet
- production data
Features
• AEC-Q100 compliant
• Flexible power supply from 5 V to 12 V
• Power conversion input as low as 1.5 V
• 1% output voltage accuracy
• High-current integrated drivers
• Adjustable output voltage
• 0.8 V internal reference
• Simple voltage mode control loop
• Sensorless and programmable OCP across
• Low-side RDS(on)
• Oscillator internally fixed at 300 kHz
• Internal soft-start
• LS-less to manage pre-bias startup
• Disable function
• OV/UV protection
• FB disconnection protection
• SO-8 package
Applications
• Dedicated to automotive applications
Description
The A6727 is a single-phase step-down controller
with integrated high-current drivers that provides
complete control logic, protection and reference
voltage to realize a general DC-DC converter by
using a compact SO-8 package. The device
flexibility allows the management of conversions
with power input VIN as low as 1.5 V and device
supply voltage in the range of 5 V to 12 V.
The A6727 provides simple control loop with
voltage mode error-amplifier. The integrated 0.8 V
reference allows the regulation of output voltages
with ±1% accuracy over line and temperature
variations. The oscillator is internally fixed to 300
kHz.
The A6727 provides programmable overcurrent
protection as well as over and undervoltage
protection. The current information is monitored
across the low-side MOSFET RDS(on) saving the
use of expensive and space-consuming sense
resistors while output voltage is monitored
through FB pin.
FB disconnection protection prevents excessive
and dangerous output voltages from floating FB
pin.
SO-8
Table 1. Device summary
Order code
Package
Packaging
A6727
SO-8
Tube
A6727TR
Tape and reel
www.st.com


Similar Part No. - A6727

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6727B STMICROELECTRONICS-A6727B Datasheet
804Kb / 26P
Automotive single-phase PWM controller
15-Mar-2023
A6727BTR STMICROELECTRONICS-A6727BTR Datasheet
804Kb / 26P
Automotive single-phase PWM controller
15-Mar-2023
More results

Similar Description - A6727

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52XXG ROHM-BD52XXG Datasheet
316Kb / 6P
Voltage Detector IC Adjustable Output Delay
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
[100mA /Adjustable Output] Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
Adjustable Output Voltage, Enable/Shutdown Control
logo
Texas Instruments
PT6211P TI-PT6211P Datasheet
497Kb / 8P
90% Efficiency Adjustable Output Voltage
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
PT6120 TI1-PT6120_08 Datasheet
541Kb / 7P
Adjustable Output Voltage
PT6220 TI1-PT6220_13 Datasheet
527Kb / 7P
Adjustable Output Voltage
PT6420 TI1-PT6420_14 Datasheet
533Kb / 6P
Adjustable Output Voltage
PT6670 TI1-PT6670_14 Datasheet
205Kb / 5P
Adjustable Output Voltage
logo
Recom International Pow...
R-611.8X RECOM-R-611.8X Datasheet
91Kb / 4P
Adjustable Output Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com