Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727 Datasheet(PDF) 22 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button A6727 Datasheet HTML 18Page - STMicroelectronics A6727 Datasheet HTML 19Page - STMicroelectronics A6727 Datasheet HTML 20Page - STMicroelectronics A6727 Datasheet HTML 21Page - STMicroelectronics A6727 Datasheet HTML 22Page - STMicroelectronics A6727 Datasheet HTML 23Page - STMicroelectronics A6727 Datasheet HTML 24Page - STMicroelectronics A6727 Datasheet HTML 25Page - STMicroelectronics A6727 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Application information
A6727
22/29
DocID025003 Rev 1
10
Application information
10.1
Output inductor
The inductor value is defined by a compromise among the dynamic response, ripple,
efficiency, cost and size. Usually, the inductance is calculated to maintain the inductor ripple
current (
ΔIL) between 20% and 30% of the maximum output current. Given the switching
frequency (FSW), the input voltage (VIN), the output voltage (VOUT) and the desired ripple
current (DIL), the inductance can be calculated as follows:
Equation 8
Figure 12 shows the ripple current vs. the output voltage for different inductance, with
VIN = 5 V and VIN = 12 V.
Increasing the value of the inductance, the inductor ripple current (and output voltage ripple
accordingly) reduces but, at the same time, the converter response time to load transients
increases. Higher inductance means that the inductor needs more time to change its current
from initial to final value. Until the inductor has finished its charging, the additional output
current is supplied by the output capacitors. Minimizing the response time, the required
output capacitance can be minimized. If the compensation network is designed with high
bandwidth, during a load transient the device can saturate duty cycle (0% or 80%). When
this condition is reached, the response time is limited only by the time required to charge the
inductor.
Figure 12. Inductor current ripple vs. output voltage
L
V
IN
V
OUT
–
F
SW
ΔI
L
⋅
------------------------------
V
OUT
V
IN
--------------
⋅
=
0
2
4
6
8
10
012345
Output voltage [V]
Vin=12 V, L=1 uH
Vin=12 V, L=2 uH
Vin=5 V, L=500 nH
Vin=5 V, L=1.5 uH
AM16776v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com