Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727 Datasheet(PDF) 5 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 5 Page - STMicroelectronics

  A6727 Datasheet HTML 1Page - STMicroelectronics A6727 Datasheet HTML 2Page - STMicroelectronics A6727 Datasheet HTML 3Page - STMicroelectronics A6727 Datasheet HTML 4Page - STMicroelectronics A6727 Datasheet HTML 5Page - STMicroelectronics A6727 Datasheet HTML 6Page - STMicroelectronics A6727 Datasheet HTML 7Page - STMicroelectronics A6727 Datasheet HTML 8Page - STMicroelectronics A6727 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DocID025003 Rev 1
5/29
A6727
Pin description and connection diagram
2
Pin description and connection diagram
Figure 3. Pin connection (top view)
2.1
Pin description
Table 2. Pin description
1
2
3
4
VCC
FB
COMP / DIS / OC
PHASE
LGATE
GND
UGATE
BOOT
5
6
7
8
A6727
AM16767v1
Pin #
Name
Function
1
BOOT
HS driver supply.
Connect through a capacitor (100
μF) to the floating node (LS drain) pin
and provide necessary bootstrap diode.
2
UGATE
HS driver output. Connect to HS MOSFET gate.
3GND
All internal references, logic and drivers are connected to this pin.
Connect to the PCB ground plane.
4
LGATE
LS driver output. Connect to LS MOSFET gate.
5VCC
Device and LS driver power supply.
Operative range from 4.1 V to 13.2 V. Filter with at least 1
μF MLCC to
GND.
6FB
Error amplifier inverting input.
Connect to the output regulated voltage through a resistor RFB. Additional
resistor ROS to GND may be used to regulate voltages higher than the
reference.
7
COMP / DIS
/ OC
COMP. Error amplifier output. Connect to FB through an RF - CF // CP to
compensate the control loop.
DIS. The device can be disabled by forcing this pin lower than 0.5 V (typ.).
To disable the device, the external pull-down overcomes 10 mA of COMP
output current for about 15 ms. Once disabled, COMP output current drops
to 20 mA.
OC. Overcurrent threshold set. Connect to VCC through an ROCSET
resistor (only if VCC is supplied by 5 V bus) to program OC threshold.
When VCC > 5 V, ROCSET needs to be not-connected.
8
PHASE
HS driver return path, current reading and adaptive deadtime monitor.
Connect to the LS drain to sense RDS(on) drop to measure the output
current. This pin is also used by the adaptive deadtime control circuitry to
monitor when HS MOSFET is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com