Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727 Datasheet(PDF) 14 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button A6727 Datasheet HTML 10Page - STMicroelectronics A6727 Datasheet HTML 11Page - STMicroelectronics A6727 Datasheet HTML 12Page - STMicroelectronics A6727 Datasheet HTML 13Page - STMicroelectronics A6727 Datasheet HTML 14Page - STMicroelectronics A6727 Datasheet HTML 15Page - STMicroelectronics A6727 Datasheet HTML 16Page - STMicroelectronics A6727 Datasheet HTML 17Page - STMicroelectronics A6727 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Overcurrent protection
A6727
14/29
DocID025003 Rev 1
7
Overcurrent protection
The overcurrent function protects the converter from a shorted output or overload, by
sensing the output current information across the low-side MOSFET drain-source on-
resistance, RDS(on). This method reduces costs and enhances converter efficiency by
avoiding the use of expensive and space-consuming sense resistors.
The low-side RDS(on) current sense is implemented by comparing the voltage at the PHASE
node when LS MOSFET is turned on with the programmed OCP threshold voltage,
internally held. If the monitored voltage drop (GND to PHASE) exceeds this threshold, an
overcurrent event is detected. If two overcurrent events are detected in two consecutive
switching cycles, the protection is triggered and the device turns off both LS and HS
MOSFETs for 2048 clock cycles (plus internal SS remaining time, if triggered during an SS
phase); then it begins a new soft-start.
If the overcurrent condition is not removed, the continuous fault causes the A6727 to enter
hiccup mode with a typical period of 13.6 ms (Figure 6), assuring safe load protection and
very low power dissipation.
7.1
Overcurrent threshold setting
When supplied with VCC = 5 V, the A6727 allows an overcurrent threshold ranging from 50
mV to 500 mV to be programmed, by adding a resistor (ROCSET) between COMP and VCC.
During a short period of time (5.5 ms - 6.5 ms) following the first enable (given VCC over
UVLO threshold), an internal 60 µA current (IOCSET) is sunk, determining a voltage drop
across ROCSET. This voltage drop, differently sensed between VCC and COMP, divided by a
factor 3, is sampled and internally held by the device as overcurrent threshold until next
VCC cycling. Different sensing versus VCC allows the OCSET procedure to be fully
independent from VIN rail. The OC setting procedure overall time length ranges from 5.5 ms
to 6.5 ms, proportionally to the threshold.
Connecting an ROCSET resistor between COMP and VCC, the programmed threshold is:
Equation 3:
ROCSET values range from 2.5 kΩ to 25 kΩ.
ROCSET low values make the system sensitive to start-up in-rush current and noise.This
may result in a continuous OCP triggering and hiccup mode.
If ROCSET is not connected (and VCC = 5 V), the device sets the maximum threshold.
If the device is supplied with a VCC higher than 7 V, ROCSET cannot be connected. In this
case, as soon as VCC rises over VCC_OC (8 V typ.), the A6727 switches OC threshold to
400 mV (internally fixed value).
See Figure 6 for OC threshold setting and soft-start oscilloscope sample waveforms.
I
OCth
1
3
---
I
OCSET
R
OCSET
⋅
R
DS on
()
--------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com