Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727 Datasheet(PDF) 20 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button A6727 Datasheet HTML 16Page - STMicroelectronics A6727 Datasheet HTML 17Page - STMicroelectronics A6727 Datasheet HTML 18Page - STMicroelectronics A6727 Datasheet HTML 19Page - STMicroelectronics A6727 Datasheet HTML 20Page - STMicroelectronics A6727 Datasheet HTML 21Page - STMicroelectronics A6727 Datasheet HTML 22Page - STMicroelectronics A6727 Datasheet HTML 23Page - STMicroelectronics A6727 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Application details
A6727
20/29
DocID025003 Rev 1
high-current trace on more than one PCB layer reduces the parasitic resistance associated
to that connection.
The output bulk capacitors (COUT) have to be connected as close as possible to the load,
minimizing parasitic inductance and resistance associated to the copper trace.
Figure 10. Power connections (heavy lines)
Gate traces and phase trace must be sized according to the driver RMS current delivered to
the power MOSFET. The device robustness allows the management of applications with the
power section far from the controller without losing performances. Anyway, when possible,
the distance between the controller and the power section has to be minimized. See
Figure 11 for driver current paths.
Small signal components and connections to critical nodes of the application, as well as
bypass capacitors for the device supply, are also important. Locate bypass capacitor (VCC
and bootstrap capacitor) and loop compensation components close to the device. With
regard to the overcurrent programmability, place ROCSET close to the device and avoid
leakage current paths on COMP/OC pin, since the internal current source is only 60 mA.
Systems, which do not use the Schottky diode in parallel to the low-side MOSFET, might
show big negative spikes on the phase pin. This spike must be limited within the absolute
maximum ratings (for example, adding a gate resistor in series to HS MOSFET gate, or a
phase resistor in series to PHASE pin), as well as the positive spike.The further
consequence is that the bootstrap capacitor is overcharged. This extra-charge can cause, in
the worst case, a condition of maximum input voltage and during particular transients,
BOOT-to-PHASE voltage overcomes the absolute maximum ratings causing device failures.
This extra-charge has to be limited by adding a small resistor in series to the bootstrap
diode (see RD in Figure 1).
L
CIN
VIN
UGATE
PHASE
LGATE
GND
LOAD
A6727
COUT
AM16774v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com