Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727 Datasheet(PDF) 10 Page - STMicroelectronics

Part # A6727
Description  Adjustable output voltage
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button A6727 Datasheet HTML 6Page - STMicroelectronics A6727 Datasheet HTML 7Page - STMicroelectronics A6727 Datasheet HTML 8Page - STMicroelectronics A6727 Datasheet HTML 9Page - STMicroelectronics A6727 Datasheet HTML 10Page - STMicroelectronics A6727 Datasheet HTML 11Page - STMicroelectronics A6727 Datasheet HTML 12Page - STMicroelectronics A6727 Datasheet HTML 13Page - STMicroelectronics A6727 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Driver section
A6727
10/29
DocID025003 Rev 1
5
Driver section
The integrated high-current drivers allow different types of power MOSFET to be used (also
multiple MOSFETs to reduce the equivalent RDS(on)), maintaining fast switching transition.
The driver for the high-side MOSFET uses BOOT pin as supply and PHASE pin as return.
The driver for low-side MOSFET uses the VCC pin as supply and GND pin as return.
The controller embodies an anti-shoot-through and adaptive deadtime control to minimize
low-side body diode conduction time, maintaining good efficiency and saving the use of
Schottky diode:
•
the device senses the PHASE pin to check that high-side MOSFET is off. When the
sensed voltage drops below an internal threshold, the low-side MOSFET is suddenly
turned on.
•
the device senses the LGATE pin to check that low-side MOSFET is off. When the
sensed voltage drops below an internal threshold, the high-side MOSFET is suddenly
turned on.
If the current flowing in the inductor is negative, the voltage on PHASE pin never drops. To
allow the low-side MOSFET to turn on even in this case, a watchdog controller is enabled: if
the source of the high-side MOSFET doesn't drop, the low-side MOSFET is switched on so
allowing the negative current of the inductor to recirculate. This mechanism allows the
system to regulate even if the current is negative.
Power conversion input is flexible: 5 V, 12 V bus or any bus that allows the conversion (see
maximum duty cycle limitation and recommended operating conditions, in Table 5) to be
chosen freely.
5.1
Power dissipation
The A6727 embeds high-current MOSFET drivers for both high-side and low-side
MOSFETs. The dissipated power by the device avoids overcoming the maximum junction
operative temperature.
Two main terms contribute to the device power dissipation: bias power and driver power.
•
Bias power (PDC) depends on the static consumption of the device through the supply
pins and it is calculated as follows (assuming to supply HS and LS drivers with the
same VCC of the device):
Equation 1
•
Driver power is the power needed by the driver to continuously switch on and off the
external MOSFETs; it is a function of the switching frequency and total gate charge of
the selected MOSFETs. It can be quantified considering that the total power PSW is
dissipated by three main factors: external gate resistance (when present), intrinsic
MOSFET resistance and intrinsic driver resistance. This last term has to be determined
to calculate the device power dissipation. The total power dissipated to switch the
MOSFETs is:
P
DC
V
CC
I
CC
I
BOOT
+
()
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com