Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S50 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 2Page - STMicroelectronics ST1S50 Datasheet HTML 3Page - STMicroelectronics ST1S50 Datasheet HTML 4Page - STMicroelectronics ST1S50 Datasheet HTML 5Page - STMicroelectronics ST1S50 Datasheet HTML 6Page - STMicroelectronics ST1S50 Datasheet HTML 7Page - STMicroelectronics ST1S50 Datasheet HTML 8Page - STMicroelectronics ST1S50 Datasheet HTML 9Page - STMicroelectronics ST1S50 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Electrical characteristics
ST1S50
6/29
DocID025723 Rev 4
4
Electrical characteristics
TJ = 25 °C, VCC = 12 V, unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Values
Unit
Min.
Typ.
Max.
VIN
Operating input voltage range
(1)
418
V
(2)
417
VINON
Turn on VIN threshold
3.5
VINOFF
Turn off VIN threshold
3.0
RDSON-HS High-side switch on resistance
ISW = 750 mA
95
m
RDSON-LS Low-side switch on resistance
ISW = 750 mA
69
m
ILIM
Maximum limiting current
(3)
5.6
A
Oscillator
FSW
Switching frequency
400
500
600
kHz
DMAX
Maximum duty cycle
(3)
88
%
Dynamic characteristics
VFB
Feedback voltage
0.784
0.8
0.816
V
(4)
0.776
0.8
0.824
Error amplifier
Gm
Trans-conductance
(3)
250
S
RO
Output resistance
(3)
240
M
DC characteristics
IQ
Quiescent current
Duty cycle = 0, no load VFB = 1.2 V
500
600
A
IQST-BY
Total standby quiescent current
OFF
10
A
IFB
FB bias current
100
nA
Enable
VEN
EN threshold voltage
Device ON level
0.340
V
Device OFF level
0.130
Power Good
PG
PG threshold
91
% VFB
PG threshold hysteresis
90
mV
PG output voltage low
Isink = 6 mA open drain
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com