Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 1 Page - STMicroelectronics

  ST1S50 Datasheet HTML 1Page - STMicroelectronics ST1S50 Datasheet HTML 2Page - STMicroelectronics ST1S50 Datasheet HTML 3Page - STMicroelectronics ST1S50 Datasheet HTML 4Page - STMicroelectronics ST1S50 Datasheet HTML 5Page - STMicroelectronics ST1S50 Datasheet HTML 6Page - STMicroelectronics ST1S50 Datasheet HTML 7Page - STMicroelectronics ST1S50 Datasheet HTML 8Page - STMicroelectronics ST1S50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
This is information on a product in full production.
March 2015
DocID025723 Rev 4
1/29
ST1S50
4 A monolithic synchronous step-down switching converter with
high efficiency at light load
Datasheet
- production data
Features
 4 A output current
 4.0 V to 18 V input voltage
 Output voltage adjustable from 0.8 V to 0.88 x
VIN
 500 kHz switching frequency
 High efficiency at light load
 Programmable soft-start and enable
 Integrated 95 m and 69 m power MOSFETs
 All ceramic capacitor
 Power Good
 Cycle-by-cycle current limiting
 Short-circuit protection
 VFDFPN10 3 x 3 x 1 mm - 10 L
Applications
 Point of load for: STB, TVs, gateway
 Solid state disk drive, Blu-ray, DVD
P/ASIC/DSP/FPGA core and I/O supplies
Description
The ST1S50 device is a 500 kHz fixed frequency
PWM synchronous step-down regulator. The
ST1S50 operates from 4.0 V to 18 V input, while it
regulates an output voltage as low as 0.8 V and
up to 0.88 x VIN.
The ST1S50 device integrates a 95 m
 high-side
switch and a 69 m
 synchronous rectifier
allowing very high efficiency with very low output
voltages.
The peak current mode control with a special
PFM mode enables high efficiency at a light load.
The ST1S50 device is available in a VFDFPN10
3 x 3 x 1 mm - 10 leads package.
Figure 1. Application circuit
VFDFPN10
VINSW
SW
FB
PG
GNDA
EN_SS
ST1S50
Css
Cout
L
R1
R2
Cinsw
R3
VOUT
VIN
GNDP
BST
Cbst
VINA
COMP
Cc
Rc
Cina
www.st.com


Similar Part No. - ST1S50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
538Kb / 11P
1.5A, 1.5 MHZ ADJUSTABLE, STEP-DOWN SWITCHING REGULATOR IN DFN6
03-Mar-2005
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
342Kb / 17P
1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
29-Mar-2007
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
374Kb / 16P
1.5 A, 1.5 MHz adjustable, step-down switching regulator
07-Mar-2008
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
346Kb / 17P
1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
29-Mar-2007
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
600Kb / 16P
1.5 A, 1.5 MHz adjustable, step-down switching regulator
14-Nov-2014
More results

Similar Description - ST1S50

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR1841 ATMEL-ATR1841 Datasheet
160Kb / 8P
Front Monitor Diode for Blu-ray/HD-DVD/DVD/CD with TWI
ATR0885 ATMEL-ATR0885 Datasheet
130Kb / 6P
3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM
ATR1842 ATMEL-ATR1842 Datasheet
157Kb / 8P
Front Monitor Diode for Blu-ray/HD-DVD/ DVD/CD with Serial Interface
logo
Transcend Information. ...
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
2.5??Solid State Disk
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
SSD (Solid-State Disk)
logo
Renesas Technology Corp
MK3732-22 RENESAS-MK3732-22 Datasheet
382Kb / 9P
BLU-RAY DISC VCXO
020906
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com