Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S50 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 14Page - STMicroelectronics ST1S50 Datasheet HTML 15Page - STMicroelectronics ST1S50 Datasheet HTML 16Page - STMicroelectronics ST1S50 Datasheet HTML 17Page - STMicroelectronics ST1S50 Datasheet HTML 18Page - STMicroelectronics ST1S50 Datasheet HTML 19Page - STMicroelectronics ST1S50 Datasheet HTML 20Page - STMicroelectronics ST1S50 Datasheet HTML 21Page - STMicroelectronics ST1S50 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Application information
ST1S50
18/29
DocID025723 Rev 4
6.4
Compensation network selection
The compensation network must be chosen to have a phase margin higher than 45° given
the application condition (VIN, VOUT, L, COUT) and the requested bandwidth. The larger is
the bandwidth, the faster is the loop response to the load transient. Maximum allowed
bandwidth is one fourth/fifth of the switching frequency (that is 100 - 120 kHz).
Figure 7. Compensation network
Starting from the target bandwidth (fBW) the compensation network values can be calculated
to have a stable loop response basing Equation 22 and Equation 23.
Given the target bandwidth fBW, the resistor RC results:
Equation 22
where COUT is the output capacitor (actual value properly derated according to the applied
DC voltage), Ri is the equivalent sensing resistor of the current sense circuitry (0.3 V/A), Gm
is the error amplifier trans-conductance (250
S) and VREF is the internal reference, 0.8 V.
The capacitor CC has to be designed to place the zero of the compensation network (fZ) at
the frequency of the power stage pole (fP 1 / (2RLOADCOUT)).
Equation 23
The capacitor CP is optional and it can be used to cancel the zero from the ESR of the
output capacitor.
The capacitor CF can be used to have phase boost adding a further zero close to the
crossover frequency. CF inserts also a pole at very high frequency, usually negligible. The
phase boost effect decreases as the VOUT decreases.
VREF E/A
RC
CC
CP
optional
CF
optional
R1
R2
VOUT
RC
2
 f
BW VOUT COUT Ri

Gm VREF
----------------------------------------------------------------------
=
CC
RLOAD C
OUT
RC
--------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com