Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S50 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 17Page - STMicroelectronics ST1S50 Datasheet HTML 18Page - STMicroelectronics ST1S50 Datasheet HTML 19Page - STMicroelectronics ST1S50 Datasheet HTML 20Page - STMicroelectronics ST1S50 Datasheet HTML 21Page - STMicroelectronics ST1S50 Datasheet HTML 22Page - STMicroelectronics ST1S50 Datasheet HTML 23Page - STMicroelectronics ST1S50 Datasheet HTML 24Page - STMicroelectronics ST1S50 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DocID025723 Rev 4
21/29
ST1S50
Application information
29
c)
Quiescent current losses, calculated as:
Equation 29
where IQ is the quiescent current (IQ = 500 A maximum).
The junction temperature TJ can be calculated as:
Equation 30
Where TA is the ambient temperature and PTOT is the sum of the power losses just seen.
RthJA is equivalent thermal resistance junction to ambient of the device; it can be calculated
as the parallel of many paths of heat conduction from the junction to the ambient. For this
device the path through the exposed pad is the one conducting the largest amount of heat.
The RthJA measured on the demonstration board described in Section 6.7 is about 60 °C/W
for the VFDFPN10 package.
Figure 10. Switching losses
6.7
Layout consideration
The PC board layout of the switching DC/DC regulator is very important to minimize the
noise injected in high impedance nodes, to reduce interferences generated by the high
switching current loops and to optimize the reliability of the device.
In order to avoid EMC problems, the high switching current loops have to be as short as
possible. In the buck converter two are the high switching current loops: during the ON-time,
the pulsed current flows through the input capacitor, the high-side power switch, the inductor
and the output capacitor; during the OFF-time, through the low-side power switch, the
inductor and the output capacitor.
PQ
VIN IQ
=
TJ
TA RthJA PTOT
+
=
VSW
ISW,HS
VIN
VDS,HS
PCOND,HS
PCOND,LS
PSW
TFALL
TRISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com