Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S50 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 21Page - STMicroelectronics ST1S50 Datasheet HTML 22Page - STMicroelectronics ST1S50 Datasheet HTML 23Page - STMicroelectronics ST1S50 Datasheet HTML 24Page - STMicroelectronics ST1S50 Datasheet HTML 25Page - STMicroelectronics ST1S50 Datasheet HTML 26Page - STMicroelectronics ST1S50 Datasheet HTML 27Page - STMicroelectronics ST1S50 Datasheet HTML 28Page - STMicroelectronics ST1S50 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Order code
ST1S50
28/29
DocID025723 Rev 4
9
Order code
10
Revision history
Table 11. Ordering information
Order code
Package
Packing
ST1S50PUR
VFDFPN10 3 x 3 x 1 mm - 10L
Tape and reel
Table 12. Document revision history
Date
Revision
Changes
18-Dec-2013
1
Initial release.
24-Feb-2014
2
Replaced label “preliminary data” by “production data”
on page 1.
01-Jul-2014
3
Updated Table 1: Pin description on page 4 (updated
“Description” of pins: 1 GNDP and 4 GNDA).
Updated Figure 12 (replaced by new figure).
Updated Table 11 (added “Packing” column).
23-Mar-2015
4
Replaced package name VFDFPN8 by VFDFPN10 in
the whole document.
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com