Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S50 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 5Page - STMicroelectronics ST1S50 Datasheet HTML 6Page - STMicroelectronics ST1S50 Datasheet HTML 7Page - STMicroelectronics ST1S50 Datasheet HTML 8Page - STMicroelectronics ST1S50 Datasheet HTML 9Page - STMicroelectronics ST1S50 Datasheet HTML 10Page - STMicroelectronics ST1S50 Datasheet HTML 11Page - STMicroelectronics ST1S50 Datasheet HTML 12Page - STMicroelectronics ST1S50 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
DocID025723 Rev 4
9/29
ST1S50
Functional description
29
5.1
Programmable soft-start and enable
The soft-start is essential to assure a correct and safe startup of the step-down converter. It
avoids an inrush current surge and makes the output voltage increases monothonically.
The soft-start is performed by ramping the non-inverting input (VREF) of the error amplifier
from 0 V to 0.8 V. The ramp of the reference voltage can be programmed selecting the soft-
start capacitor that is connected between the EN_SS pin and ground.
The device sources 5
A (typical) in the RC network, ramping the EN_SS pin logarithmically
from 0.34 V to 1.7 V. The reference of the error amplifier ramps, starting when the EN_SS
pin voltage is equal to 0.7 V (typ.), up from 0 V to 0.8 V accordingly.
Once the soft-start time ends, the EN_SS pin is internally tied to 3.3 V to avoid injecting
noise.
5.2
Error amplifier and control loop stability
The error amplifier compares the FB pin voltage with the internal 0.8 V reference and it
provides the error signal to be compared with the output of the current sense circuitry, that is
the high-side power MOSFET current. Comparing the output of the error amplifier and the
peak inductor current implements the peak current mode control loop.
The error amplifier is a trans-conductance amplifier (OTA). The uncompensated
characteristics are listed inTable 5.
Table 5. Error amplifier characteristics
Description
Value
DC gain
95 dB
Gm
250
A/V
RO
240 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com