Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S50 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 10Page - STMicroelectronics ST1S50 Datasheet HTML 11Page - STMicroelectronics ST1S50 Datasheet HTML 12Page - STMicroelectronics ST1S50 Datasheet HTML 13Page - STMicroelectronics ST1S50 Datasheet HTML 14Page - STMicroelectronics ST1S50 Datasheet HTML 15Page - STMicroelectronics ST1S50 Datasheet HTML 16Page - STMicroelectronics ST1S50 Datasheet HTML 17Page - STMicroelectronics ST1S50 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Functional description
ST1S50
14/29
DocID025723 Rev 4
The HICCUP is disabled during the startup to allow the VOUT to start up properly in case of
a big output capacitor requiring a high extra current to be charged.
5.4
Power Good function
The PG pin output is an open drain MOSFET. The PG is pulled low when the FB pin voltage
is lower than 91% of the nominal internal reference (0.8 V). The PG pin is VIN compatible.
5.5
Hysteretic thermal shutdown
The thermal shutdown block generates a signal that turns off the power stage if the junction
temperature goes above 150 oC. Once the junction temperature goes back to about 130 oC,
the device restarts in normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com