Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S50 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 12Page - STMicroelectronics ST1S50 Datasheet HTML 13Page - STMicroelectronics ST1S50 Datasheet HTML 14Page - STMicroelectronics ST1S50 Datasheet HTML 15Page - STMicroelectronics ST1S50 Datasheet HTML 16Page - STMicroelectronics ST1S50 Datasheet HTML 17Page - STMicroelectronics ST1S50 Datasheet HTML 18Page - STMicroelectronics ST1S50 Datasheet HTML 19Page - STMicroelectronics ST1S50 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Application information
ST1S50
16/29
DocID025723 Rev 4
In Table 6 some multi-layer ceramic capacitors suitable for this device are reported.
A ceramic bypass capacitor, as close as possible to the VINA pin, so that additional parasitic
ESR and ESL are minimized, is suggested in order to prevent instability on the output
voltage due to noise. The value of the bypass capacitor can go from 330 nF to 1
F.
6.2
Inductor selection
The inductance value fixes the current ripple flowing through the output capacitor. So the
minimum inductance value to have the expected current ripple has to be selected. The rule
to fix the current ripple value is to have a ripple at 20% - 40% of the output current.
In the continuous current mode (CCM), the inductance value can be calculated by Equation
18:
Equation 18
Where TON is the conduction time of the high-side switch and TOFF is the conduction time of
the low-side switch (in CCM, FSW = 1 / (TON + TOFF)). The maximum current ripple, given
the VOUT, is obtained at maximum TOFF, that is at a minimum duty cycle (see Section 6.1 to
calculate minimum duty). So fixing
IL= 20% to 30% of the maximum output current, the
minimum inductance value can be calculated:
Equation 19
where FSWMIN is the minimum switching frequency, according to Table 4 on page 6.
The peak current through the inductor is given by:
Equation 20
So if the inductor value decreases, the peak current (that has to be lower than the current
limit of the device) increases. The higher is the inductor value, the higher is the average
output current that can be delivered, without reaching the current limit.
Table 6. Input MLCC capacitors
Manufacturer
Series
Cap value (
F)
Rated voltage (V)
Murata
GRM31
10
25
GRM55
10
25
TDK
C3225
10
25
I
L
VIN VOUT
–
L
------------------------------ TON
VOUT
L
-------------- TOFF
==
LMIN
VOUT
I
MAX
----------------
1DMIN
–
FSWMIN
-----------------------
=
ILPK
IO
I
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com