Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S50 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 8Page - STMicroelectronics ST1S50 Datasheet HTML 9Page - STMicroelectronics ST1S50 Datasheet HTML 10Page - STMicroelectronics ST1S50 Datasheet HTML 11Page - STMicroelectronics ST1S50 Datasheet HTML 12Page - STMicroelectronics ST1S50 Datasheet HTML 13Page - STMicroelectronics ST1S50 Datasheet HTML 14Page - STMicroelectronics ST1S50 Datasheet HTML 15Page - STMicroelectronics ST1S50 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Functional description
ST1S50
12/29
DocID025723 Rev 4
The transfer function from the FB to the COMP (output of E/A) introduces the singularities
(poles and zeroes) to stabilize the loop. In Figure 5 is shown the small signal model of the
error amplifier with the internal compensation network.
Figure 5. Small signal model for the error amplifier
RC and CC are the compensation network, RO represents output resistance of the error
amplifier, Co represents the internal low frequency pole of the error amplifier.
RC and CC introduce a pole and a zero in the open loop gain. CP does not significantly affect
system stability and can be neglected.
So GEA(s) results:
Equation 8
Where GEA = Gm · Ro
The poles of this transfer function are (if Cc >> C0 + CP):
Equation 9
Equation 10
whereas the zero is defined as:
Equation 11
Co
Ro
Cc
Rc
Cp
Gm*Vd
VFB
VREF
Vd
GEA s

GEA0 1s
+
Rc Cc


s
2 R
0
C0 Cp
+
 R
c Cc
sR0 Cc
R0 C0 Cp
+
 R
c Cc
+
+
 1
+
+

-----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
fP LF
1
2
 R
0 Cc

----------------------------------
=
fP HF
1
2
 R
c
C0 Cp
+


----------------------------------------------------
=
fZ
1
2
 R
c Cc

---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com