Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S50 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 4 Page - STMicroelectronics

  ST1S50 Datasheet HTML 1Page - STMicroelectronics ST1S50 Datasheet HTML 2Page - STMicroelectronics ST1S50 Datasheet HTML 3Page - STMicroelectronics ST1S50 Datasheet HTML 4Page - STMicroelectronics ST1S50 Datasheet HTML 5Page - STMicroelectronics ST1S50 Datasheet HTML 6Page - STMicroelectronics ST1S50 Datasheet HTML 7Page - STMicroelectronics ST1S50 Datasheet HTML 8Page - STMicroelectronics ST1S50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Pin settings
ST1S50
4/29
DocID025723 Rev 4
1
Pin settings
1.1
Pin connection
Figure 2. Pin connection (top view)
1.2
Pin description
GNDP
VINSW
VINA
GNDA
FB
SW
BST
PG
EN_SS
COMP
ST1S50PUR
1
2
3
4
5
10
9
8
7
6
Table 1. Pin description
No.
Type
Description
1
GNDP
Power ground. This pin has to be connected to the exposed pad of the
device as shown in Figure 11: PCB layout on page 22.
2
VINSW
Power input voltage
3
VINA
Input voltage
4
GNDA
Ground. This pin has to be connected to the exposed pad of the device as
shown in Figure 11: PCB layout.
5FB
Feedback input. Connecting the output voltage directly to this pin the
output voltage is regulated at 0.8 V. To have higher regulated voltages an
external resistor divider is required from the VOUT to the FB pin.
6COMP
Error amplifier output; the RC network connected to this pin stabilizes the
loop.
7EN_SS
Enable and soft-start pin: the capacitor connected to this pin programmes
the soft-start time.
8
PG
Power Good pin
9
BST
Bootstrap pin: the capacitor connected between SW and BST allows the
proper high-side switch turn on.
10
SW
Output switching pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com