Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S50 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 4Page - STMicroelectronics ST1S50 Datasheet HTML 5Page - STMicroelectronics ST1S50 Datasheet HTML 6Page - STMicroelectronics ST1S50 Datasheet HTML 7Page - STMicroelectronics ST1S50 Datasheet HTML 8Page - STMicroelectronics ST1S50 Datasheet HTML 9Page - STMicroelectronics ST1S50 Datasheet HTML 10Page - STMicroelectronics ST1S50 Datasheet HTML 11Page - STMicroelectronics ST1S50 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Functional description
ST1S50
8/29
DocID025723 Rev 4
5
Functional description
The ST1S50 device is based on a “peak current mode”, constant frequency control. The
output voltage VOUT is sensed by the feedback pin (FB) compared to an internal reference
(0.8 V) providing an error signal that, compared to the output of the current sense amplifier,
controls the ON and OFF time of the power switches.
The main internal blocks are shown in the block diagram in Figure 3. They are:
A fully integrated oscillator that provides the internal clock and the ramp for the slope
compensation avoiding subharmonic instability.
The adjustable soft-start circuitry to limit an inrush current during the start-up phase
source a current on an external RC network.
The trans-conductance error amplifier.
The pulse width modulator and the relative logic circuitry necessary to drive the internal
power switches.
The drivers for embedded high-side and low-side N-channel power MOSFET switches.
The high-side current sensing block.
The low-side current sense to implement diode emulation.
A voltage monitor circuitry (UVLO) that checks the input and internal voltages.
A thermal shutdown block, to prevent a thermal runaway.
Figure 3. Block diagram
Logic
HS
DRV
LS
DRV
PFM
SCP
OVP
PG
DMD
Fsw/2
ref1
ref3
ref1
ref2
Ref
OSC
OTP
INH
UVLO
Int Reg
BG
ref4
EN_SS
REG
VSUM
ref5
SW
BST
VINSW
VINA
COMP
EN_SS
FB
PG
GNDA
GNDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com