Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S50 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 20Page - STMicroelectronics ST1S50 Datasheet HTML 21Page - STMicroelectronics ST1S50 Datasheet HTML 22Page - STMicroelectronics ST1S50 Datasheet HTML 23Page - STMicroelectronics ST1S50 Datasheet HTML 24Page - STMicroelectronics ST1S50 Datasheet HTML 25Page - STMicroelectronics ST1S50 Datasheet HTML 26Page - STMicroelectronics ST1S50 Datasheet HTML 27Page - STMicroelectronics ST1S50 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Typical characteristics
ST1S50
24/29
DocID025723 Rev 4
7
Typical characteristics
Figure 13. Efficiency vs. IOUT - VIN = 12 V
Figure 14. Efficiency vs. IOUT - VIN = 5 V
20
30
40
50
60
70
80
90
100
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
4.000
4.500
Iout [A]
Vin=12V
Vo=1.2V
Vo=3.3V
Vo=5V
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Iout [A]
Vin=5V
Vo=3.3V
Figure 15. Start-up releasing EN_SS pin
Figure 16. Long overload condition
Figure 17. Quick overload
Figure 18. Start-up with shorted VOUT
SW
2V/div
VOUT
0.5V/div
SS
1V/div
IL
1A/div
50us/div
2us/div
VIN=12V, VOUT=3.3V, quick overcurrent VFB falls below 0.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com