Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S50 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST1S50
Description  Solid state disk drive, Blu-ray, DVD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S50 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST1S50 Datasheet HTML 19Page - STMicroelectronics ST1S50 Datasheet HTML 20Page - STMicroelectronics ST1S50 Datasheet HTML 21Page - STMicroelectronics ST1S50 Datasheet HTML 22Page - STMicroelectronics ST1S50 Datasheet HTML 23Page - STMicroelectronics ST1S50 Datasheet HTML 24Page - STMicroelectronics ST1S50 Datasheet HTML 25Page - STMicroelectronics ST1S50 Datasheet HTML 26Page - STMicroelectronics ST1S50 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
DocID025723 Rev 4
23/29
ST1S50
Application information
29
6.8
Demonstration board
Figure 12. Demonstration board schematic
Table 9. Component list
Reference
Part number
Description
Manufacturer
U1
ST1S50PUR
STMicroelectronics®
L1
XAL6060-472MEC
4.7
H, Isat = 10.5 A, Irms = 8 A
Coilcraft
C1
Optional
C2
100 nF, 25 V
C3
GRM31CR61E106KA12L
10
F, 25 V, X5R, 1206
Murata
C4
GRM21BR71E225KA73L
2.2
F, 25 V, X7R, 0805
Murata
C5
22 nF, 50 V, 0603
C6
470 pF, 50 V, 0603
C7
10 pF, 50 V, 0603
C8
GRM32ER61E226KE15L
22
F, 25 V, X5R, 1210
Murata
R1
16 k
 1%, 0.1 W, 0603
R2
5.1 k
 1%, 0.1 W, 0603
R3
N.M.
R4
1 M
 1%, 0.1 W, 0603
R5
10
 1%, 0.1 W, 0603
R6
68 k
 1%, 0.1 W, 0603
R7
4.7 M
 1%, 0.1 W, 0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com