Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1539 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 5Page - STMicroelectronics UM1539 Datasheet HTML 6Page - STMicroelectronics UM1539 Datasheet HTML 7Page - STMicroelectronics UM1539 Datasheet HTML 8Page - STMicroelectronics UM1539 Datasheet HTML 9Page - STMicroelectronics UM1539 Datasheet HTML 10Page - STMicroelectronics UM1539 Datasheet HTML 11Page - STMicroelectronics UM1539 Datasheet HTML 12Page - STMicroelectronics UM1539 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
UM1539
Getting started
Doc ID 023106 Rev 1
9/46
1.2.6
Address configuration for STTS2002 and STTS424E02 temperature
sensors
The STTS2002 and STTS424E02 are digital temperature sensors with 3 address lines.
There are 8 possible addresses for these sensors. SW2 corresponds to A0, SW3
corresponds to A1 and SW4 corresponds to A2 address lines of the sensor.
Below are the allowed addresses and their settings for these sensors:
●
Address 1 = 0x30, => SW4 = 0, SW3 = 0, SW2 = 0
●
Address 2 = 0x32, => SW4 = 0, SW3 = 0, SW2 = 1
●
Address 3 = 0x34, => SW4 = 0, SW3 = 1, SW2 = 0
●
Address 4 = 0x36, => SW4 = 0, SW3 = 1, SW2 = 1
●
Address 5 = 0x38, => SW4 = 1, SW3 = 0, SW2 = 0
●
Address 6 = 0x3A, => SW4 = 1, SW3 = 0, SW2 = 1
●
Address 7 = 0x3C, => SW4 = 1, SW3 = 1, SW2 = 0
●
Address 8 = 0x3E, => SW4 = 1, SW3 = 1, SW2 = 1
1.2.7
Address configuration for STLM20
The STLM20 is an analog temperature sensor with no address lines.
1.2.8
Address configuration for STTS751 temperature sensor
The STTS751 is available in 2 different device types:
1.
STTS751-0
2.
STTS751-1
Address selection for STTS751 sensor is not done by SW2/SW3/SW4 but is done using a
jumper on the connector CN5 present on the daughter card itself.
Table 3.
Switch settings for selecting different addresses of the STTS424E02
Address
line
Address
(0x3E)
Address
(0x3C)
Address
(0x3A)
Address
(0x38)
Address
(0x36)
Address
(0x34)
Address
(0x32)
Address
(0x30)
SW2 (A0)
SW3 (A1)
SW4 (A2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com