Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1539 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 10Page - STMicroelectronics UM1539 Datasheet HTML 11Page - STMicroelectronics UM1539 Datasheet HTML 12Page - STMicroelectronics UM1539 Datasheet HTML 13Page - STMicroelectronics UM1539 Datasheet HTML 14Page - STMicroelectronics UM1539 Datasheet HTML 15Page - STMicroelectronics UM1539 Datasheet HTML 16Page - STMicroelectronics UM1539 Datasheet HTML 17Page - STMicroelectronics UM1539 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Getting started
UM1539
14/46
Doc ID 023106 Rev 1
register). This alarm glows as the BAW alarm in the GUI. As the measured
temperature becomes greater than the BAW setting, the alarm switches off.
b)
Above alarm window (AAW):
This alarm occurs when the measured temperature goes above the temperature
setting performed in the alarm temperature upper boundary register (upper temp
register). This alarm glows as the AAW alarm in the GUI. As the measured
temperature becomes lower than the AAW setting, the alarm switches off.
c)
Above critical temperature (ACI):
This alarm occurs when the measured temperature goes above the temperature
setting performed in the critical temperature register. This alarm glows as the ACI
alarm in the GUI. As the measured temperature becomes lower than the critical
alarm setting, the alarm switches off.
The “Alarm” icon also glows in the GUI only when the O/P control bit is enabled in the
configuration register and one of the above mentioned alarms has occurred, and then only
the alarm LED onboard (D5) glows.
BAW, AAW, and ACI alarm statuses can be seen in the GUI either in Once or Loop mode.
Pressing of the Once button shows the instantaneous alarm conditions and latches the
same in the GUI. This condition is refreshed on again pressing the Once button. Pressing
the Loop button continuously monitors the alarm conditions and displays them in the GUI.
Stopping the Loop button latches the last alarm conditions in the GUI. These are refreshed
either by again using the Once or Loop read buttons.
For the first time address check, the default state of the upper temp register, lower temp
register and critical temp register, is 0x00, therefore alarm conditions for AAW and ACI are
met and so these are seen as glowing in the GUI.
Figure 7.
GUI window for STTS424E02 temperature sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com