Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1539 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 21Page - STMicroelectronics UM1539 Datasheet HTML 22Page - STMicroelectronics UM1539 Datasheet HTML 23Page - STMicroelectronics UM1539 Datasheet HTML 24Page - STMicroelectronics UM1539 Datasheet HTML 25Page - STMicroelectronics UM1539 Datasheet HTML 26Page - STMicroelectronics UM1539 Datasheet HTML 27Page - STMicroelectronics UM1539 Datasheet HTML 28Page - STMicroelectronics UM1539 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
UM1539
Getting started
Doc ID 023106 Rev 1
25/46
1.2.21
M41T82 RTC watchdog configuration
1.
The watchdog of RTC is enabled by configuring the multiplier and resolution settings
and pressing the Write button.
2.
The time period for watchdog is calculated by the resolution x multiplier value. This
value is in seconds.
3.
The watchdog alarm occurs when the time set in the watchdog register has lapsed.
4.
The status of the watchdog alarm can be seen only by pressing the Read Flags button.
Pressing again clears the WDG flag in the alarm register of RTC and its status is shown
in the GUI. The watchdog status on the motherboard (D6 LED) is cleared by writing the
watchdog register. Writing zero disables the watchdog.
1.2.22
M41T82 RTC timer configuration
1.
M41T82 RTC has an 8-bit countdown timer. This timer counts down from the user
configured value to 1 and then again reloads the timer countdown value.
2.
Enter any value between 1 and 255 inside the value bracket of the timer.
3.
Select the timer ticking clock from the clock frequency dropdown menu of the timer.
4.
Enable the checkbox for the TE bit, this enables the timer. If the TE bit is not enabled,
the timer does not start the counting.
5.
Press the Write button to enter the timer configuration values in the timer section of
M41T82 RTC.
6.
As soon as the timer rolls over from 1 to the timer countdown value, the timer flag (TF)
is set inside the flag status register of RTC. This flag is cleared only by reading the flag
register. Pressing the Read Flag button shows the status of this flag in the GUI.
1.2.23
M41T82 RTC digital calibration configuration
1.
Enter the calibration value between 0-31 in the calibration register.
2.
Select the positive or negative calibration by selecting the sign in the sign bit dropdown
menu.
3.
Press the Write button to configure the RTC calibration register with the selected
settings.
1.2.24
M41T82 RTC analog calibration configuration
1.
Check the FT bit checkbox.
2.
The slider for analog calibration gets enabled and LED D6 glows on the motherboard.
This disables the remaining RTC window.
3.
Enter the calibration value using the slider and press the Write button to configure the
value inside RTC.
4.
After the value is configured, remove the check from the FT bit checkbox.
1.2.25
M41T82 RTC HT bit configuration
At every power-down, the HT bit is set. To start the display of clock on consecutive
powering, the HT bit should be reset each time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com