Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1539 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 13Page - STMicroelectronics UM1539 Datasheet HTML 14Page - STMicroelectronics UM1539 Datasheet HTML 15Page - STMicroelectronics UM1539 Datasheet HTML 16Page - STMicroelectronics UM1539 Datasheet HTML 17Page - STMicroelectronics UM1539 Datasheet HTML 18Page - STMicroelectronics UM1539 Datasheet HTML 19Page - STMicroelectronics UM1539 Datasheet HTML 20Page - STMicroelectronics UM1539 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
UM1539
Getting started
Doc ID 023106 Rev 1
17/46
1.2.14
GUI window for the STTS751 temperature sensor
The STTS751 temperature sensor is available in two versions:
●
STTS751-0
●
STTS751-1.
Address configuration for this sensor is done using the jumper CN5 present on the daughter
card (explained in Section 1.2.8).
The steps to operate the STTS751 sensor in GUI mode are as follows:
1.
Place the daughter card on the motherboard.
2.
Select the address of the daughter card using CN6/CN5 on the daughter card (refer to
Section 1.2.8), as shown in Figure 10.
3.
Power up the motherboard using USB power.
4.
Select the STTS751 sensor in the GUI and then select either STTS751-0 or STTS751-
1 from the Radio button in the GUI, as shown in Figure 11. Then select the address
from the dropdown menu of the GUI.
5.
Configuration register bits can be individually configured using the GUI.
6.
Sliders can be used to configure the values inside the upper temp register, lower temp
register, therm limit, therm hysteresis and conversion rate registers. The Write button is
to be used for each value to be written inside the sensor registers.
7.
The Once button is used to read the instantaneous value of the temperature value from
the sensor.
8.
The Loop button is used to continuously read the temperature value from the sensor
and display the same in the GUI.
9.
There is one alarm output in the STTS751 by the name EVENT. When the temperature
is above the value configured inside the upper temp register or is equal to or lower than
the value inside the lower temp register, the EVENT signal is asserted and is seen as
D5 LED glowing on the motherboard. In the GUI, the status of the EVENT pin is seen
on pressing the One-shot or Loop button.
10. If the EVENT condition exists, then pressing the ARA button returns the sensor
address.
11. One-shot write is used to read the temperature once when the sensor is in Standby
mode and then again return the sensor in Standby mode.
12. SMBus timeout is used to demonstrate the timeout feature of the STTS751. Checking
the “TimeOut Test Enable” checkbox enables the timeout feature of the STTS751 by
writing inside the “SMBus timeout enable” register of the sensor. The slider can be
used to select the timeout delay in milliseconds. If the delay is between 20-30 msec, the
device does not time out and returns ACK to communication and is seen as ACK
glowing in the GUI. For timeout delay greater than 30 msec, the device returns NACK
to communication and is seen as NACK glowing in the GUI. This ACK and NACK is the
response from the sensor to I2C communication along with the delay in between.
13. The I2C speed can be selected to be one of 100 kHz or 400 kHz using the Radio button
and Write button.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com