Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1539 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 27Page - STMicroelectronics UM1539 Datasheet HTML 28Page - STMicroelectronics UM1539 Datasheet HTML 29Page - STMicroelectronics UM1539 Datasheet HTML 30Page - STMicroelectronics UM1539 Datasheet HTML 31Page - STMicroelectronics UM1539 Datasheet HTML 32Page - STMicroelectronics UM1539 Datasheet HTML 33Page - STMicroelectronics UM1539 Datasheet HTML 34Page - STMicroelectronics UM1539 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
UM1539
Getting started
Doc ID 023106 Rev 1
31/46
1.2.39
M41T83_SOX18 RTC alarm settings
M41T83_SOX18 RTC has two alarm functions:
●
Alarm one
●
Alarm two
a)
Alarm one:
1.
Set the alarm date and time using the alarm one date and time section on the RTC GUI
window.
2.
Check the A1IE checkbox to see the alarm status on the interrupt output pin of RTC.
This is seen as a D6 LED glowing on the motherboard whenever the alarm match
occurs.
3.
Press the Write button to program the alarm one date and time in the RTC.
4.
As the Alarm time is matched, the AF1 flag sets inside the flag status register and if
A1IE is also checked, the D6 LED glows on the motherboard. This alarm can be seen
in the GUI by pressing the Read Flag button, the AF1 flag glows and is cleared on a
second press of read flags.
5.
D6 LED shows the status of the #IRQ1 pin of the RTC.
b)
Alarm two:
1.
Set the alarm date and time using the alarm two date and time section on the RTC GUI
window.
2.
Check the AL2E bit to enable the alarm two function. The A2IE bit is used to enable the
alarm match status output on the #IRQ2 pin of RTC.
3.
Press the Write button to program the alarm two configuration in RTC.
4.
On the matching of RTC clock date and time with the alarm two date and time, the AF2
flag is set inside the flag status register and, if the A2IE bit is checked, then the alarm
match status is also seen on the motherboard as the glow of D1 LED. D1 LED goes off
on pressing the Read Alarm button.
5.
The alarm status can be seen in the GUI by pressing the Read Flags button. Pressing
read flags again clears the alarm register of RTC and its new status is shown in the
GUI.
6.
The Reset OF button is used to reset the OF bit in the alarm register and,
correspondingly, the oscillator bit alarm is also cleared by the Reset button.
1.2.40
M41T83_SOX18 RTC watchdog configuration
1.
The watchdog of RTC is enabled by configuring the multiplier and resolution settings
and pressing the Write button.
2.
The time period for watchdog is calculated by the resolution x multiplier value. This
value is in seconds.
3.
The watchdog alarm occurs when the time set in the watchdog register has lapsed.
4.
The status of the watchdog alarm can be seen only by pressing the Read Flags button
and, on the motherboard, this status is shown by the glow of the D6 LED. Pressing
again the Read Alarm button clears the WDG flag in the alarm register of RTC and its
status is shown in the GUI. On the motherboard the D6 LED goes off only by writing the
watchdog register. Writing 0 in the watchdog register disables the watchdog function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com