Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1539 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 29Page - STMicroelectronics UM1539 Datasheet HTML 30Page - STMicroelectronics UM1539 Datasheet HTML 31Page - STMicroelectronics UM1539 Datasheet HTML 32Page - STMicroelectronics UM1539 Datasheet HTML 33Page - STMicroelectronics UM1539 Datasheet HTML 34Page - STMicroelectronics UM1539 Datasheet HTML 35Page - STMicroelectronics UM1539 Datasheet HTML 36Page - STMicroelectronics UM1539 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
UM1539
Getting started
Doc ID 023106 Rev 1
33/46
1.2.45
M41T83_SOX18 RTC FT bit configuration
The FT bit is a checkbox; if none of RTC interrupt functions (Alarm/WDG/SQW) are
selected, then checking this box selects the frequency test function of RTC and it is
displayed as a glow on D6 LED. Resetting the bit switches off the frequency test function.
1.2.46
M41T83_SOX18 RTC square wave configuration
M41T83_SOX18 RTC has a square wave output option.
1.
Select the square wave output frequency from the output frequency dropdown menu.
2.
Check the enable square wave output checkbox to enable the square wave function.
3.
D5 LED blinks on the motherboard to show the status of square wave output of RTC.
1.2.47
Plotter window
The GUI supports the plotting of the temperature value against time for each sensor.
The steps to be followed to plot the graph are as follows:
1.
Select the temperature sensor and check the address.
2.
Select the Graph Selector button on the GUI toolbar, as shown in Figure 19. This opens
the Plotter window, as shown in Figure 20.
3.
Select for the desired frequency (200 millisecond/500milisecond/1 second /10 second)
from the “Time Interval” dropdown menu. This frequency denotes the timing interval
after which the next reading is taken and plotted on the graph.
4.
Click on the plotter Start button in the toolbar. It opens the plotter and starts plotting the
graph, as shown in Figure 19.
5.
To stop the plotting, click on the Stop button placed in the toolbar, shown in Figure 20.
6.
Use the toolbar present in the graph window to expand or compress the scale on the
graph.
7.
To store the image of the graph on computer, click on the Save Plot window icon in the
toolbar of the plotter window. It stores the graph as .tsg format. Refer to Figure 21.
8.
To store the graph data as text format in an Excel® sheet, click on the Excel sheet icon
in the toolbar. It saves the temperature readings in Excel format.
9.
In order to see the previously stored graphs, click on the Display The Saved File icon in
the toolbar and open the .tsg file to see the previously stored graph. Refer to Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com