Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1539 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 26Page - STMicroelectronics UM1539 Datasheet HTML 27Page - STMicroelectronics UM1539 Datasheet HTML 28Page - STMicroelectronics UM1539 Datasheet HTML 29Page - STMicroelectronics UM1539 Datasheet HTML 30Page - STMicroelectronics UM1539 Datasheet HTML 31Page - STMicroelectronics UM1539 Datasheet HTML 32Page - STMicroelectronics UM1539 Datasheet HTML 33Page - STMicroelectronics UM1539 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Getting started
UM1539
30/46
Doc ID 023106 Rev 1
Figure 18.
GUI window for M41T83_SOX18 RTC
1.2.38
M41T83_SOX18 RTC date and time setting
1.
Click on the RTC Selection icon in the toolbar of the GUI. The RTC selection Radio
button appears in the GUI, as shown in Figure 15.
2.
Select RTC M41T83 and the RTC child window opens, as shown in Figure 18.
3.
Press the Update button to enable the configuration of RTC. Pressing the Update
button enables the GUI window for RTC configuration. It also reads the RTC registers
from the onboard RTC and displays the same in the GUI.
4.
After pressing the Update button, reset the HT bit to see the clock ticking on the display.
5.
Configure the RTC date and time by clicking on the Set Time button in the GUI. It
programs the onboard RTC with the system date and time.
6.
CB0, CB1, Stop bit, and OFIE bit are checkboxes to enable or disable the respective bit
in RTC. Checking the box and then pressing the Write button sets the bits and un-
checking them and clicking on the Write button resets the bits.
7.
The Program button configures the RTC with the current settings visible in the GUI.
8.
The RTC Reg button shows the RTC registers and the values present in those
registers.
9.
The device time in the GUI also reads the milliseconds from RTC and displays them in
the GUI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com