Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1539 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 20Page - STMicroelectronics UM1539 Datasheet HTML 21Page - STMicroelectronics UM1539 Datasheet HTML 22Page - STMicroelectronics UM1539 Datasheet HTML 23Page - STMicroelectronics UM1539 Datasheet HTML 24Page - STMicroelectronics UM1539 Datasheet HTML 25Page - STMicroelectronics UM1539 Datasheet HTML 26Page - STMicroelectronics UM1539 Datasheet HTML 27Page - STMicroelectronics UM1539 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Getting started
UM1539
24/46
Doc ID 023106 Rev 1
1.2.19
M41T82 RTC date and time setting
1.
Click on the RTC selection icon in the toolbar of the GUI. RTC selection Radio button
appears in the GUI, as shown in Figure 15.
2.
Select for RTC M41T82, it opens the RTC GUI window for the M41T82, as shown in
Figure 16.
3.
Press the Update button to enable the configuration of RTC. Pressing the Update
button enables the GUI window for RTC configuration. It also reads the RTC registers
and displays the same in the GUI.
4.
After pressing the Update button, reset the HT bit to see the clock ticking on the display.
5.
Configure the RTC date and time by clicking on the Set Time button in the GUI. It
programs the onboard RTC with the system date and time.
6.
CB0, CB1, Stop bit, and OFIE bit are checkboxes to enable or disable the respective bit
in RTC. Checking the box and then pressing the Write button sets the bits and un-
checking them and clicking on the Write button resets the bits.
7.
The Program button configures the RTC with the current settings visible in the GUI.
8.
The RTC Reg button shows the RTC registers and the values present in those
registers.
9.
Device time in the GUI also reads the milliseconds from RTC and displays them in the
GUI.
1.2.20
M41T82 RTC alarm setting
M41T82 RTC has two alarm functions:
●
Alarm one
●
Alarm two
a)
Alarm one
1.
Set the alarm date and time using the alarm one date and time section of the RTC GUI
window.
2.
There is no alarm output pin in M41T82 RTC. As the alarm time is matched, the AF1
flag is set inside the flag status register. This can be seen in the GUI by pressing the
Read Flags button.
3.
The alarm status can be seen in the GUI by pressing the Read Flags button. Pressing
this button again clears the alarm register of RTC and its new status is shown in the
GUI.
4.
The Reset OF button is used to reset the OF bit in the alarm register and,
correspondingly, the oscillator bit alarm is also cleared by resetting the OF button.
b)
Alarm two:
1.
Set the alarm date and time using the alarm two date and time section of the RTC GUI
window.
2.
Checking the AL2E bit and writing it using the Write button enables this alarm. On the
matching of the RTC clock time and date with the alarm two time and date, the AF2 flag
is set inside the flag status register.
3.
Alarm status can be seen in the GUI by pressing the Read Flags button. Pressing the
read flags again clears the alarm register of RTC and its new status is shown in the
GUI.
4.
The Reset OF button is used to reset the OF bit in the alarm register and,
correspondingly, the oscillator bit alarm is also cleared by the Reset button.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com