Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1539 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 31Page - STMicroelectronics UM1539 Datasheet HTML 32Page - STMicroelectronics UM1539 Datasheet HTML 33Page - STMicroelectronics UM1539 Datasheet HTML 34Page - STMicroelectronics UM1539 Datasheet HTML 35Page - STMicroelectronics UM1539 Datasheet HTML 36Page - STMicroelectronics UM1539 Datasheet HTML 37Page - STMicroelectronics UM1539 Datasheet HTML 38Page - STMicroelectronics UM1539 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
UM1539
Getting started
Doc ID 023106 Rev 1
35/46
Figure 21.
Tool bar of plotter window
1.2.48
Application LEDs
There are 4 application specific LEDs on the board:
1.
I2C LED: This is a green LED (D4) which blinks whenever there is an I2C
communication occurring in the application.
2.
RQ1 LED: This is a green LED (D6) which glows in accordance to the signal status on
the #IRQ1 pin of M41T83 RTC.
3.
RQ2 LED: This is a red LED (D1) which glows in accordance to the signal status on the
#IRQ2 pin of M41T83 RTC.
4.
Alarm/EVENT LED: This is a red LED (D5) which glows in accordance with the ALARM
output signal of temperature sensors or for the SQW output option of M41T83 RTC.
5.
Power LED: This is a red LED (D3) which glows as soon as the USB cable is plugged
in.
AM12175v1
Display the
saved file
Save plot
window
Save plotter
data in .xls
Plotter toolbar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com