Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1539 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 8Page - STMicroelectronics UM1539 Datasheet HTML 9Page - STMicroelectronics UM1539 Datasheet HTML 10Page - STMicroelectronics UM1539 Datasheet HTML 11Page - STMicroelectronics UM1539 Datasheet HTML 12Page - STMicroelectronics UM1539 Datasheet HTML 13Page - STMicroelectronics UM1539 Datasheet HTML 14Page - STMicroelectronics UM1539 Datasheet HTML 15Page - STMicroelectronics UM1539 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Getting started
UM1539
12/46
Doc ID 023106 Rev 1
a)
Default state: alarm OFF
b)
Temperature reaches above the over-limit temperature (Tos): alarm GLOWS
c)
Temperature reaches below Thys: alarm OFF
On the motherboard there is an LED D5 which shows the alarm signal from the
#ALERT pin of the temperature sensor. In the case of alert, D5 glows, and as soon as
the alert signal goes OFF, D5 switches off.
8.
There is a One-shot mode button present in the GUI which functions only for the
STTS75 sensor. One-shot mode puts the sensor into Shutdown mode and then goes
for a one-shot read of temperature. After One-shot mode, the shutdown pin of the
configuration register sets to '1'. To bring the sensor to Normal mode, write the
shutdown bit to '0'.
9.
Frequency for I2C communication between the sensor and microcontroller can be set
either to 100 kHz or 400 kHz using the Radio button selection and Write button.
Figure 5.
GUI window for STTS75, STDS75, STLM75, STCN75 temperature sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com