Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1539 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 24Page - STMicroelectronics UM1539 Datasheet HTML 25Page - STMicroelectronics UM1539 Datasheet HTML 26Page - STMicroelectronics UM1539 Datasheet HTML 27Page - STMicroelectronics UM1539 Datasheet HTML 28Page - STMicroelectronics UM1539 Datasheet HTML 29Page - STMicroelectronics UM1539 Datasheet HTML 30Page - STMicroelectronics UM1539 Datasheet HTML 31Page - STMicroelectronics UM1539 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Getting started
UM1539
28/46
Doc ID 023106 Rev 1
5.
The alarm status can be seen in the GUI by pressing the Read Flags button. Pressing
read flags again clears the alarm register of RTC and its new status is shown in the
GUI.
6.
The Reset OF button is used to reset the OF bit in the alarm register and,
correspondingly, the Oscillator bit alarm is also cleared by the Reset button.
1.2.30
M41T83_QFN RTC watchdog configuration
1.
The watchdog of RTC is enabled by configuring the multiplier and resolution settings
and pressing the Write button.
2.
The time period for watchdog is calculated by the resolution x multiplier value. This
value is in seconds.
3.
The watchdog alarm occurs when the time set in the watchdog register has lapsed.
4.
The status of the watchdog alarm can be seen only by pressing read flags, and on the
motherboard this status is shown by the glow of the D6 LED. Pressing again the Read
Alarm button clears the WDG flag in the alarm register of RTC and its status is shown
in the GUI. On the motherboard the D6 LED goes off only by writing the watchdog
register. Writing 0 in the watchdog register disables the watchdog function.
1.2.31
M41T83_QFN RTC timer configuration
1.
M41T83 RTC has an 8-bit countdown timer. This timer counts down from the user
configured value to 1 and then again reloads the timer countdown value.
2.
Enter any value between 1 and 255 inside the value area of the timer.
3.
Select the timer ticking clock from the clock frequency dropdown menu of the timer.
4.
Enable the checkbox for the TE bit, this enables the timer. If the TE bit is not enabled,
the timer does not start the counting. The TI/TP checkbox selects the mode of the
timer.
5.
The TIE bit is used to output the timer rollover interrupt on the #IRQ1 interrupt pin of
RTC. Whenever the timer rollover occurs, the TF flag is set and the D6 LED glows on
the motherboard. The LED goes off by reading the flag register using Read Flag button.
6.
Press the Write button to enter the timer configuration values in the timer section of
M41T83_QFN RTC.
7.
As soon as the timer rolls over from 1 to the timer countdown value, the timer flag (TF)
is set inside the flag status register of RTC. This flag is cleared only by reading the flag
register. Pressing the Read Flag button shows the status of this flag in the GUI. A
second read clears the flag from the GUI.
1.2.32
M41T83_QFN RTC digital calibration configuration
1.
Enter the calibration value between 0-31 in the calibration register.
2.
Select the positive or negative calibration by selecting the sign in the sign bit dropdown
menu.
3.
Press the Write button to configure the RTC calibration register with the selected
settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com