Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1539 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 37Page - STMicroelectronics UM1539 Datasheet HTML 38Page - STMicroelectronics UM1539 Datasheet HTML 39Page - STMicroelectronics UM1539 Datasheet HTML 40Page - STMicroelectronics UM1539 Datasheet HTML 41Page - STMicroelectronics UM1539 Datasheet HTML 42Page - STMicroelectronics UM1539 Datasheet HTML 43Page - STMicroelectronics UM1539 Datasheet HTML 44Page - STMicroelectronics UM1539 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
Capacitors
C1,C2
20 pF
SMD0805
AVX Corporation or
equivalent
08051A200JAT2A
Digi-Key
478-3735-1-ND
C3,C4,C5,
C8,C15,C1
6
100 nF
SMD0805
Panasonic - ECG or
equivalent
ECJ-2VB1E104K or
equivalent
Digi-Key
PCC1828CT-ND
C6,C9
4.7 nF
SMD0805
Panasonic - ECG or
equivalent
ECJ-2VB1H472K
Digi-Key
PCC472BNTR-
ND
Capacitors
C7,C10
15 pF
SMD0805
AVX Corporation or
equivalent
08055A150JAT2A
Digi-Key
478-1306-1-ND
C11,C14
1 µF
SMD0805
Vishay/Sprague
298D105X0050P2T
Digi-Key
718-1720-1-ND
C12,C13
2.2 µF
SMD0805
TAJ or equivalent
TAJR225M004RNJ
Digi-Key
478-3053-1-ND
LEDs
D1,D3,D5
LED, red color
SMD0805
Lite-On Inc
LTST-C170CKT
Digi-Key
160-1176-1-ND
D6,D4
LED, green color
SMD0805
Lite-On Inc
LTST-C170KGKT
Digi-Key
160-1414-1-ND
Table 5.
BOM (continued)
Category
Reference
designator
Component
description
Package
Manuf.
Manufacturer’s
ordering code /
orderable part number
or equivalent
Supplier
Supplier
ordering code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com