Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1539 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 9Page - STMicroelectronics UM1539 Datasheet HTML 10Page - STMicroelectronics UM1539 Datasheet HTML 11Page - STMicroelectronics UM1539 Datasheet HTML 12Page - STMicroelectronics UM1539 Datasheet HTML 13Page - STMicroelectronics UM1539 Datasheet HTML 14Page - STMicroelectronics UM1539 Datasheet HTML 15Page - STMicroelectronics UM1539 Datasheet HTML 16Page - STMicroelectronics UM1539 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
UM1539
Getting started
Doc ID 023106 Rev 1
13/46
Figure 6.
Wrong address message on GUI
1.2.11
GUI window for STTS424E02 temperature sensor
The STTS424E02 is a simple digital temperature sensor with an on-chip 2 Kb EEPROM.
Below are the steps to operate the STTS424E02 sensor in GUI mode:
1.
Plug the daughter card of the STTS424E02 on the motherboard.
2.
Select the sensor option for the STTS424E02 from the GUI, as shown in Figure 4.
3.
Select the STTS424E02 sensor Radio button from sensor options in the “Select the
Temperature Sensor” area in the GUI. On selecting the STTS424E02 sensor, the “Edit
EEPROM” option also gets enabled in the GUI.
4.
Check the address from the “Choose Address” area. If the address configured on the
board (explained in Section 1.2.6) is different from the address selected from the GUI,
an error message appears on the GUI. In the case of an error, re-check the address
with the correct option.
5.
All the registers show the default readings at first selection.
6.
Press the Loop button to continuously read the temperature in the GUI.
7.
Configure the different registers through the GUI and observe the behavior of the
sensor. The bits of the configuration register can be individually selected using the GUI.
8.
Sliders for “Upper Temp Register”, “Lower Temp Register” and “Critical Temp Register”
can be used to separately configure the upper boundary, lower boundary and critical
limit for temperatures. Press the Write button individually for all the three limits to write
the value inside the sensor registers.
9.
The Once button is used to read the instantaneous value of temperature value from the
sensor.
10. The Loop button is used to continuously read the temperature value from the sensor
and display the same in the GUI.
11. There are 3 different alarms supported by this sensor:
a)
Below alarm window (BAW):
This alarm occurs when the measured temperature goes below the temperature
setting performed in the alarm temperature lower boundary register (lower temp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com