Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 57Page - STMicroelectronics ST10F296 Datasheet HTML 58Page - STMicroelectronics ST10F296 Datasheet HTML 59Page - STMicroelectronics ST10F296 Datasheet HTML 60Page - STMicroelectronics ST10F296 Datasheet HTML 61Page - STMicroelectronics ST10F296 Datasheet HTML 62Page - STMicroelectronics ST10F296 Datasheet HTML 63Page - STMicroelectronics ST10F296 Datasheet HTML 64Page - STMicroelectronics ST10F296 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Internal Flash memory
61/346
5.4.3
Write protection
The Flash modules have one level of write protection. Each sector of each bank of each
Flash module can be software write protected by programming the related WyPx bit of the
FNVWPXRH/L-FNVWPIRH/L registers at 0.
5.4.4
Temporary unprotection
Bits WyPx of the FNVWPXRH/L-FNVWPIRH/L registers can be temporary unprotected by
executing the set protection operation and writing 1 into these bits.
Bit ACCP can be temporarily unprotected by executing the set protection operation and
writing 1 into these bits, bu,t only if these write instructions are executed from the Flash
modules.
To restore the write and access protection bits or to execute a set protection operation and
write 0 into the desired bits, the microcontroller must be reset.
It is not necessary to temporarily unprotect an access protected Flash to update the code. it
is sufficient to execute the updating instructions from another Flash bank.
When a temporary unprotection operation is executed, the corresponding volatile register is
written to 1, while the non-volatile registers bits previously written to 0 (for a protection set
operation), continue to maintain the 0. For this reason, the user software must track the
current protection status (for example, by using a specific RAM area), as it is not possible to
deduce it by reading the non-volatile register content (a temporary unprotection cannot be
detected).
Table 33.
Summary of access protection levels
Read IFlash/
jump to IFlash
Read XFlash/
jump to XFlash
Read Flash
registers
Write Flash
registers
Fetching from IFlash
Yes/Yes
Yes/Yes
Yes
Yes
Fetching from XFlash
No/Yes
Yes/Yes
Yes
No
Fetching from IRAM
No/Yes
Yes/Yes
Yes
No
Fetching from XRAM
No/Yes
Yes/Yes
Yes
No
Fetching from external memory
No/Yes
Yes/Yes
Yes
No
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com