Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 18Page - STMicroelectronics ST10F296 Datasheet HTML 19Page - STMicroelectronics ST10F296 Datasheet HTML 20Page - STMicroelectronics ST10F296 Datasheet HTML 21Page - STMicroelectronics ST10F296 Datasheet HTML 22Page - STMicroelectronics ST10F296 Datasheet HTML 23Page - STMicroelectronics ST10F296 Datasheet HTML 24Page - STMicroelectronics ST10F296 Datasheet HTML 25Page - STMicroelectronics ST10F296 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Ball data
ST10F296E
22/346
P7.0 to P7.7
J4
O
8-bit bidirectional I/O port,
bit-wise programmable for
input or output via direction
bit. Programming an I/O pin
as input forces the
corresponding output driver
to high impedance state.
Port 7 outputs can be
configured as push-pull or
open-drain drivers. The
input threshold of Port 7 is
selectable (TTL or CMOS).
P7.0
POUT0
PWM0: Channel 0 output
J3
O
P7.1
POUT1
PWM0: Channel 1 output
J2
O
P7.2
POUT2
PWM0: Channel 2 output
J1
O
P7.3
POUT3
PWM0: Channel 3 output
K2
I/O
P7.4
CC28IO
CAPCOM2: CC28 capture
input/compare output
K3
I/O
P7.5
CC29IO
CAPCOM2: CC29 capture
input/compare output
K4
I/O
P7.6
CC30IO
CAPCOM2: CC30 capture
input/compare output
L2
I/O
P7.7
CC31IO
CAPCOM2: CC31 capture
input/compare output
XP10.0 to
XP10.15
M4
I
16-bit input-only port with
Schmitt-Trigger
characteristics. The pins of
XPort 10 can be the analog
input channels (up to 16) for
the ADC, where XP10.x
equals ANy (analog input
channel y, where y = x +
16). The input threshold of
XPort 10 is selectable (TTL
or CMOS).
XP10.0
M3
I
XP10.1
M2
I
XP10.2
M1
I
XP10.3
N4
I
XP10.4
N3
I
XP10.5
N2
I
XP10.6
N1
I
XP10.7
P4
I
XP10.8
P3
I
XP10.9
P2
I
XP10.10
P1
I
XP10.11
R2
XP10.12
R1
XP10.13
T1
XP10.14
U1
XP10.15
Table 2.
Ball description (continued)
Symbol
Ball
no.
Type
Function (including port, pin and alternate function where applicable)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com