Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 60Page - STMicroelectronics ST10F296 Datasheet HTML 61Page - STMicroelectronics ST10F296 Datasheet HTML 62Page - STMicroelectronics ST10F296 Datasheet HTML 63Page - STMicroelectronics ST10F296 Datasheet HTML 64Page - STMicroelectronics ST10F296 Datasheet HTML 65Page - STMicroelectronics ST10F296 Datasheet HTML 66Page - STMicroelectronics ST10F296 Datasheet HTML 67Page - STMicroelectronics ST10F296 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Internal Flash memory
ST10F296E
64/346
5.5.6
Set protection
Example 1: Enable write protection of sectors B0F3-0 of Bank 0 in the IFlash module.
FCR0H|= 0x0100;
/*Set SPR in FCR0H*/
FARL = 0xDFB4;
/*Load Add of register FNVWPIRL in FARL*/
FARH = 0x000E;
/*Load Add of register FNVWPIRL in FARH*/
FDR0L = 0xFFF0;
/*Load Data in FDR0L*/
FDR0H = 0xFFFF;
/*Load Data in FDR0H*/
FCR0H|= 0x8000;
/*Operation start*/
Bit SMOD of FCR0H must not be set as the write protection bits of the IFlash module are
stored in the Test-Flash (XFlash module).
Example 2: Enable access and debug protection.
FCR0H|= 0x0100;
/*Set SPR in FCR0H*/
FARL = 0xDFB8;
/*Load Add of register FNVAPR0 in FARL*/
FARH = 0x000E;
/*Load Add of register FNVAPR0 in FARH*/
FDR0L = 0xFFFC;
/*Load Data in FDR0L*/
FCR0H|= 0x8000;
/*Operation start*/
Example 3: Disable access and debug protection permanently.
FCR0H|= 0x0100;
/*Set SPR in FCR0H*/
FARL = 0xDFBC;
/*Load Add of register FNVAPR1L in FARL*/
FARH = 0x000E;
/*Load Add of register FNVAPR1L in FARH*/
FDR0L = 0xFFFE;
/*Load Data in FDR0L for clearing PDS0*/
FCR0H|= 0x8000;
/*Operation start*/
Example 4: Re- enable access and debug protection permanently .
FCR0H|= 0x0100;
/*Set SPR in FCR0H*/
FARL = 0xDFBC;
/*Load Add register FNVAPR1H in FARL*/
FARH = 0x000E;
/*Load Add register FNVAPR1H in FARH*/
FDR0H = 0xFFFE;
/*Load Data in FDR0H for clearing PEN0*/
FCR0H|= 0x8000;
/*Operation start*/
Disabling and re-enabling access and debug protection permanently way (as shown above)
can be done up to a maximum of 16 times.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com