Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 19Page - STMicroelectronics ST10F296 Datasheet HTML 20Page - STMicroelectronics ST10F296 Datasheet HTML 21Page - STMicroelectronics ST10F296 Datasheet HTML 22Page - STMicroelectronics ST10F296 Datasheet HTML 23Page - STMicroelectronics ST10F296 Datasheet HTML 24Page - STMicroelectronics ST10F296 Datasheet HTML 25Page - STMicroelectronics ST10F296 Datasheet HTML 26Page - STMicroelectronics ST10F296 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Ball data
23/346
P5.0 to
P5.15
T2
I
16-bit input-only port with
Schmitt-Trigger
characteristics. The pins of
Port 5 can be the analog
input channels (up to 16) for
the ADC, where P5.x equals
ANx (analog input channel
x), or they are timer inputs.
The input threshold of Port 5
is selectable (TTL or
CMOS).
P5.0
R3
I
P5.1
T3
I
P5.2
R4
I
P5.3
T4
I
P5.4
U4
I
P5.5
P5
I
P5.6
R5
I
P5.7
T5
I
P5.8
U5
I
P5.9
P6
I
P5.10
T6EUD
GPT2: Timer T6 external
up/down control input
R6
I
P5.11
T5EUD
GPT2: Timer T5 external
up/down control input
T6
I
P5.12
T6IN
GPT2: Timer T6 count input
U6
I
P5.13
T5IN
GPT2: Timer T5 count input
P7
I
P5.14
T4EUD
GPT1: Timer T4 external
up/down control input
R7
I
P5.15
T2EUD
GPT1: Timer T2 external
up/down control input
P2.0 to
P2.15
T7
I/O
16-bit bidirectional I/O port,
bit-wise programmable for
input or output via direction
bit. Programming an I/O pin
as input forces the
corresponding output driver
to high impedance state.
Port 2 outputs can be
configured as push-pull or
open-drain drivers. The
input threshold of Port 2 is
selectable (TTL or CMOS).
P2.0
CC0IO
CAPCOM1: CC0 capture
input/compare output
P8
I/O
P2.1
CC1IO
CAPCOM1: CC1 capture
input/compare output
R8
I/O
P2.2
CC2IO
CAPCOM1: CC2 capture
input/compare output
T8
I/O
P2.3
CC3IO
CAPCOM1: CC3 capture
input/compare output
T9
I/O
P2.4
CC4IO
CAPCOM1: CC4 capture
input/compare output
P9
I/O
P2.5
CC5IO
CAPCOM1: CC5 capture
input/compare output
R9
I/O
P2.6
CC6IO
CAPCOM1: CC6 capture
input/compare output
U9
I/O
P2.7
CC7IO
CAPCOM1: CC7 capture
input/compare output
Table 2.
Ball description (continued)
Symbol
Ball
no.
Type
Function (including port, pin and alternate function where applicable)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com