Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 71Page - STMicroelectronics ST10F296 Datasheet HTML 72Page - STMicroelectronics ST10F296 Datasheet HTML 73Page - STMicroelectronics ST10F296 Datasheet HTML 74Page - STMicroelectronics ST10F296 Datasheet HTML 75Page - STMicroelectronics ST10F296 Datasheet HTML 76Page - STMicroelectronics ST10F296 Datasheet HTML 77Page - STMicroelectronics ST10F296 Datasheet HTML 78Page - STMicroelectronics ST10F296 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
The bootstrap loader
75/346
6.3.3
ST10 configuration in UART BSL (RS232 or K-line)
When the ST10F296E has entered BSL mode on the UART, the configuration shown in
Table 37 is automatically set (values that deviate from the normal reset values, are
highlighted in bold italic).
The watchdog timer is disabled, except after a normal reset, so the bootstrap loading
sequence is not time limited. Pin TxD0 is configured as output, so the ST10F296E can
return the acknowledge byte. Even if the internal IFlash is enabled, no code can be
executed out of it.
6.3.4
Loading the startup code
After sending the acknowledge byte the BSL enters a loop to receive 32 bytes via ASC0.
These bytes are stored sequentially into locations 00’FA40H through 00’FA5FH of the IRAM.
Up to 16 instructions may be placed into the RAM area. To execute the loaded code the BSL
jumps to location 00’FA40H, i.e. the first loaded instruction. The bootstrap loading sequence
then terminates, however, the ST10F296E remains in BSL mode. It is likely that the initially
loaded routine loads additional code or data, as an average application is likely to require
substantially more than 16 instructions. This second receive loop may directly use the pre-
initialized interface ASC0 to receive data and store it to arbitrary user-defined locations.
This second level of loaded code may be the final application code. It may also be another,
more sophisticated, loader routine that adds a transmission protocol to enhance the integrity
of the loaded code or data. In addition, it may contain a code sequence to change the
system configuration and enable the bus interface to store the received data into the
external memory.
Table 37.
ST10 configuration in UART BSL mode (RS232 or K-line)
Watchdog timer
Disabled
Register SYSCON
0400H
(1)
1.
In bootstrap modes (standard or alternate) the ROMEN bit, bit 10 of the SYSCON register, is always set
regardless of the EA pin level. The BYTDIS bit, bit 9 of the SYSCON register, is set according to the data
bus width selection via Port 0 configuration.
Context pointer CP
FA00H
Register STKUN
FA00H
Stack pointer SP
FA40H
Register STKOV
FC00H
Register BUSCON0
Acc. to startup
config.(2)
2.
BUSCON0 is initialized with 0000h which disables the external bus if pin EA is high during reset. If pin EA
is low during reset, the BUSACT0 bit, bit 10, and the ALECTL0 bit, bit 9, are set, enabling the external bus
with a lengthened ALE signal. BTYP field, bit 7 and 6, is set according to Port 0 configuration.
Register S0CON
8011H
Initialized only if bootstrap is run via UART
Register S0BG
Acc. to 00 byte
Initialized only if Bootstrap is run via UART
P3.10/TXD0
1
Initialized only if Bootstrap is run via UART
DP3.10
1
Initialized only if Bootstrap is run via UART
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com