Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 39Page - STMicroelectronics ST10F296 Datasheet HTML 40Page - STMicroelectronics ST10F296 Datasheet HTML 41Page - STMicroelectronics ST10F296 Datasheet HTML 42Page - STMicroelectronics ST10F296 Datasheet HTML 43Page - STMicroelectronics ST10F296 Datasheet HTML 44Page - STMicroelectronics ST10F296 Datasheet HTML 45Page - STMicroelectronics ST10F296 Datasheet HTML 46Page - STMicroelectronics ST10F296 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Internal Flash memory
43/346
5.1.2
Module structure
The IFlash module is composed by two banks. Bank 0 contains 384 Kbytes of program
memory divided into 10 sectors. Bank 0 also contains a reserved sector named ‘Test-Flash’.
Bank 1 contains 128 Kbyte of program memory divided into two sectors (64 Kbytes each).
The XFlash module is also composed of two banks. Bank 2 contains 192 Kbytes of program
memory divided into 3 sectors. Bank 3 contains 128 Kbytes of program memory divided into
two sectors (64 Kbytes each).
Addresses from 0x0E 0000 to 0x0E FFFF are reserved for the control register interface and
other internal service memory space used by the Flash program/erase controller.
Table 8 shows the memory mapping of the Flash when it is accessed in read mode and
Table 9 when it is accessed in write or erase mode.
Note:
With this second mapping, the first three banks are remapped into code segment 1 (same
result as setting ROMS1 bit in the SYSCON register).
.
Table 8.
Sectorization of the Flash modules (read operations)
Bank
Description
Addresses
Size
(Kbytes)
ST10 bus size
B0
Bank 0 Flash 0 (B0F0)
0x0000 0000 - 0x0000 1FFF
8
32-bit (IBus)
Bank 0 Flash 1 (B0F1)
0x0000 2000 - 0x0000 3FFF
8
Bank 0 Flash 2 (B0F2)
0x0000 4000 - 0x0000 5FFF
8
Bank 0 Flash 3 (B0F3)
0x0000 6000 - 0x0000 7FFF
8
Bank 0 Flash 4 (B0F4)
0x0001 8000 - 0x0001 FFFF
32
Bank 0 Flash 5 (B0F5)
0x0002 0000 - 0x0002 FFFF
64
Bank 0 Flash 6 (B0F6)
0x0003 0000 - 0x0003 FFFF
64
Bank 0 Flash 7 (B0F7)
0x0004 0000 - 0x0004 FFFF
64
Bank 0 Flash 8 (B0F8)
0x0005 0000 - 0x0005 FFFF
64
Bank 0 Flash 9 (B0F9)
0x0006 0000 - 0x0006 FFFF
64
B1
Bank 1 Flash 0 (B1F0)
0x0007 0000 - 0x0007 FFFF
64
Bank 1 Flash 1 (B1F1)
0x0008 0000 - 0x0008 FFFF
64
B2
Bank 2 Flash 0 (B2F0)
0x0009 0000 - 0x0009 FFFF
64
16-bit (X-BUS)
Bank 2 Flash 1 (B2F1)
0x000A 0000 - 0x000A FFFF
64
Bank 2 Flash 2 (B2F2)
0x000B 0000 - 0x000B FFFF
64
B3
Bank 3 Flash 0 (B3F0)
0x000C 0000 - 0x000C FFFF
64
Bank 3 Flash 1 (B3F1)
0x000D 0000 - 0x000D FFFF
64
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com