Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 37Page - STMicroelectronics ST10F296 Datasheet HTML 38Page - STMicroelectronics ST10F296 Datasheet HTML 39Page - STMicroelectronics ST10F296 Datasheet HTML 40Page - STMicroelectronics ST10F296 Datasheet HTML 41Page - STMicroelectronics ST10F296 Datasheet HTML 42Page - STMicroelectronics ST10F296 Datasheet HTML 43Page - STMicroelectronics ST10F296 Datasheet HTML 44Page - STMicroelectronics ST10F296 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Memory organization
41/346
In emulation mode, all XPeripherals are enabled (all XPERCON bits are set). The access to
the external memory and/or the XBus is controlled by the bondout chip.
Reserved bits of the XPERCON register must always be written to 0.
When the RTC is disabled (RTCEN = 0) the main clock oscillator is switched off if the ST10
enters power-down mode. When the RTC is enabled, the RTCOFF bit of the RTCCON
register allows the power-down mode of the main clock oscillator to be chosen (eee
Section 18: Real-time clock (RTC) on page 203).
Table 6 summarizes the address range mapping on segment 8 for programming the
ROMEN and XPEN bits (of the SYSCON register) and the XRAM2EN and XFLASHEN bits
(of the XPERCON register).
XPEREMU register
The XPEREMU register is a write-only register that is mapped on the XBus memory space
at address EB7Eh. It contrasts with the XPERCON register, a read/write ESFR register,
which must be programmed to enable the single XBus modules separately.
Once the XPEN bit of the SYSCON register is set and at least one of the XPeripherals
(except the memories) is activated, the XPEREMU register must be written with the same
content as the XPERCON register. This is to allow a correct emulation of the new set of
features introduced on the XBus for the new ST10 generation. The following instructions
must be added inside the initialization routine:
if (SYSCON.XPEN && (XPERCON & 0x07D3))
then { XPEREMU = XPERCON }
XPEREMU must be programmed after both the XPERCON and SYSCON registers in such
a way that the final configuration for the XPeripherals is stored in the XPEREMU register
and used for the emulation hardware setup.
XPEREMU bit descriptition follows the XPERCON register (see Table 5: XPERCON register
description on page 39).
Table 6.
Segment 8 address range mapping
ROMEN
XPEN
XRAM2EN
XFLASHEN
Segment 8
00
x(1)
x(1)
External memory
01
00
External memory
01
1
x(1)
Reserved
01
x(1)
1
Reserved
1x(1)
1.
Don’t care
x(1)
x(1)
IFlash (B1F1)
XPEREMU (EB7Eh)
XBus
Reset value: xxxxh
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
--
--
XPORT
EN
XMISC
EN
XI2C
EN
XSSC
EN
XASC
EN
XPWM
EN
XFLASH
EN
XRTC
EN
XRAM
2EN
XRAM
1EN
CAN
2EN
CAN
1EN
--
--
W
W
W
W
W
W
W
W
W
W
W
W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com