Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 25Page - STMicroelectronics ST10F296 Datasheet HTML 26Page - STMicroelectronics ST10F296 Datasheet HTML 27Page - STMicroelectronics ST10F296 Datasheet HTML 28Page - STMicroelectronics ST10F296 Datasheet HTML 29Page - STMicroelectronics ST10F296 Datasheet HTML 30Page - STMicroelectronics ST10F296 Datasheet HTML 31Page - STMicroelectronics ST10F296 Datasheet HTML 32Page - STMicroelectronics ST10F296 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Ball data
29/346
XPORT9.0
to
XPORT9.15
D15
I/O
16-bit bidirectional I/O port.
It is bit-wise programmable
for input or output via
direction bits. For a pin
configured as input, the
output driver is put into high-
impedance state. XPort 9
outputs can be configured
as push-pull or open-drain
drivers.The input threshold
of XPort 9 is selectable (TTL
or CMOS).
XPORT9.0
C16
I/O
XPORT9.1
D14
I/O
XPORT9.2
C15
I/O
XPORT9.3
B16
I/O
XPORT9.4
D13
I/O
XPORT9.5
C14
I/O
XPORT9.6
B15
I/O
XPORT9.7
A15
I/O
XPORT9.8
B14
I/O
XPORT9.9
C13
I/O
XPORT9.10
D12
I/O
XPORT9.11
B13
I/O
XPORT9.12
C12
I/O
XPORT9.13
D11
I/O
XPORT9.14
B12
I/O
XPORT9.15
XTAL1
A5
I
XTAL1: Input to the oscillator amplifier and/or external clock input.
XTAL2
A6
O
XTAL2: Output of the oscillator amplifier circuit. To clock the device from an external
source, drive XTAL1 while leaving XTAL2 unconnected. Minimum and maximum
high/low and rise/fall times specified in the AC characteristics must be observed
RSTIN
A3
I
Reset input with CMOS Schmitt-Trigger characteristics: A low level at this pin for a
specified duration while the oscillator is running resets ST10F296E. An internal pull-up
resistor permits power-on reset using only a capacitor connected to VSS. In
bidirectional reset mode (enabled by setting bit BDRSTEN in SYSCON register), the
RSTIN line is pulled low for the duration of the internal reset sequence.
RSTOUT
B4
O
Internal reset indication output: This pin is driven to a low level during hardware,
software or watchdog timer reset. RSTOUT remains low until the EINIT (end of
initialization) instruction is executed.
NMI
C4
I
Non maskable interrupt input: A high to low transition at this pin causes the CPU to
vector to the NMI trap routine. If bit PWDCFG = 0 in the SYSCON register, when the
PWRDN (power-down) instruction is executed, the NMI pin must be low in order to
force the ST10F296E to go into power-down mode. If NMI is high and PWDCFG = 0,
when PWRDN is executed, the part will continue to run in normal mode.
If not being used, pin NMI should be pulled high externally.
XPOUT.0
D4
O
XPWM: Channel 0 output
XPOUT.1
C3
O
XPWM: Channel 1 output
XPOUT.2
B2
O
XPWM: Channel 2 output
XPOUT.3
C2
O
XPWM: Channel 3 output
XADCINJ
L3
O
Output trigger for ADC channel injection
Table 2.
Ball description (continued)
Symbol
Ball
no.
Type
Function (including port, pin and alternate function where applicable)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com