Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 95Page - STMicroelectronics ST10F296 Datasheet HTML 96Page - STMicroelectronics ST10F296 Datasheet HTML 97Page - STMicroelectronics ST10F296 Datasheet HTML 98Page - STMicroelectronics ST10F296 Datasheet HTML 99Page - STMicroelectronics ST10F296 Datasheet HTML 100Page - STMicroelectronics ST10F296 Datasheet HTML 101Page - STMicroelectronics ST10F296 Datasheet HTML 102Page - STMicroelectronics ST10F296 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
External bus controller (EBC)
99/346
8.3
EA functionality
The EA pin of the ST10F296E is shared with the VSTBY supply pin. When VDD main is on
and stable, VSTBY can be temporarily grounded: The logic that in standby mode is powered
by VSTBY (that is standby voltage regulator and 16 Kbyte portion of XRAM), is powered by
VDD main. This allows the EA pin to be driven low during reset, as requested, to configure
the system to start from the external memory.
An appropriate external circuit must be provided to manage dynamically both functionalities
associated with the EA pin. During reset and with stable VDD, the pin can be tied low, while
after reset (or before turning off the main VDD to enter in standby mode) the VSTBY supply is
applied.
Figure 19 shows a diagram of a possible external circuit. Care should be taken when
implementing the resistance for current limitation of bipolar. The resistance should not
disturb standby mode when some current (in the order of hundreds of µA) is provided to the
device by the VSTBY voltage supply source. The voltage at the EA pin of ST10F296E should
not become lower than 4.5 V.
To reduce the effect of current consumption transients on the VSTBY pin (refer to ISB3 in
Section 24: Electrical characteristics) which may create voltage drops if a very low power
external voltage regulator is used, it is suggested to add an external capacitance which can
filter the eventual current peaks. Additional care must be paid to external hardware to limit
the current peaks due to the presence of the capacitance (when EA functionality is used and
the external bipolar is turned on, see Figure 19).
Figure 19.
EA/VSTBY external circuit
VSTBY
VSS
4 - 5.5 V
EA function
EA/VSTBY
ST10F296
VSS
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com