Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 79Page - STMicroelectronics ST10F296 Datasheet HTML 80Page - STMicroelectronics ST10F296 Datasheet HTML 81Page - STMicroelectronics ST10F296 Datasheet HTML 82Page - STMicroelectronics ST10F296 Datasheet HTML 83Page - STMicroelectronics ST10F296 Datasheet HTML 84Page - STMicroelectronics ST10F296 Datasheet HTML 85Page - STMicroelectronics ST10F296 Datasheet HTML 86Page - STMicroelectronics ST10F296 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
The bootstrap loader
83/346
Error induced by the baud rate calculation
The content of the PT0 timer counter corresponds to 29 bit times. This gives the following
equation:
Equation 4
where BRP (bit rate prescaler), Tseg1 and Tseg2 are the field of the CAN bit timing register.
The CAN protocol specification recommends implementing a bit time composed of at least
eight time quantum (tq). This recommendation has been applied above. The maximum bit
time length is 25 tq. To achieve good precision, the target must have the smallest BRP and
the maximum number of tq in a bit time.
The ranges for PT0 according to BRP are given in Equation 5.
Equation 5
8
≤ 1 + Tseg1 + Tseg2 ≤ 25
464 x (1 + BRP)
≤ PT0 ≤ 1450 x (1 + BRP)
The error coming from the measurement of bit 29 is:
It is maximal for the smallest BRP value and the smallest number of ticks in PT0.
Therefore:
e1 Max = 1.29%
For the best precision possible, the target must have the smallest BRP, which minimises
errors when calculating time quanta in a bit time.
Table 39.
Timer content ranges of BRP value in Equation 5
BRP
PT0_min
PT0_max
Comments
0
464
1450
1
1451
2900
2
2901
4350
3
4351
5800
4
5801
7250
5
7251
8700
..
..
..
43
20416
63800
44
20880
65250
45
21344
66700
Possible timer overflow
..
..
..
63
X
X
PT0
58
BRP
1
+
()
×
1Tseg1
Tseg2
++
()
×
=
e
1
6PTO
[]
⁄
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com