Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 66Page - STMicroelectronics ST10F296 Datasheet HTML 67Page - STMicroelectronics ST10F296 Datasheet HTML 68Page - STMicroelectronics ST10F296 Datasheet HTML 69Page - STMicroelectronics ST10F296 Datasheet HTML 70Page - STMicroelectronics ST10F296 Datasheet HTML 71Page - STMicroelectronics ST10F296 Datasheet HTML 72Page - STMicroelectronics ST10F296 Datasheet HTML 73Page - STMicroelectronics ST10F296 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
The bootstrap loader
ST10F296E
70/346
6.2.3
Booting steps
There are four steps to booting the ST10F296E with the boot loader code (see Figure 7):
1.
The ST10F296E is reset with P0L.4 low
2.
The internal new bootstrap code runs on the ST10 and a first level user code is
downloaded from the external device, via the selected serial link (UART0 or CAN1).
The bootstrap code is contained in the ST10F296E Test-Flash and is automatically run
when ST10F296E is reset with P0L.4 low. After loading a preselected number of bytes,
ST10F296E begins executing the downloaded program.
3.
The first level user code is run on ST10F296E. Typically, this user code is another
loader that is used to download the application software into the ST10F296E.
4.
The loaded application software is now running
Figure 7.
Booting steps for the ST10F296E
6.2.4
Hardware to activate BSL
The hardware that activates the BSL during every hardware reset may be a simple pull-
down resistor on P0L.4. switchable solution (via jumper or an external signal) may be used
for systems that only temporarily use the BSL.
Note:
The CAN alternate function on Port 4 lines is not activated if the user has selected eight
address segments (Port 4 pins have three functions: I/O port, address-segment, and CAN).
Bootstrapping via CAN requires that four address segments or less are selected.
External device
External device
External device
External device
Run Bootstrap Code
Run 1st level Code
Run Application Code
Step1
Step2
Step3
Step4
Download
1st level user code
Download
Application
Entering bootstrap
Loading 1st level user code
Loading the application
and exiting BSL
ST10F296
ST10F296
ST10F296
ST10F296
from Test-Flash
from DPRAM @FA40h
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com