Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 58Page - STMicroelectronics ST10F296 Datasheet HTML 59Page - STMicroelectronics ST10F296 Datasheet HTML 60Page - STMicroelectronics ST10F296 Datasheet HTML 61Page - STMicroelectronics ST10F296 Datasheet HTML 62Page - STMicroelectronics ST10F296 Datasheet HTML 63Page - STMicroelectronics ST10F296 Datasheet HTML 64Page - STMicroelectronics ST10F296 Datasheet HTML 65Page - STMicroelectronics ST10F296 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Internal Flash memory
ST10F296E
62/346
5.5
Write operation examples
Examples are presented below for each kind of Flash write operation.
5.5.1
Word program
Example: 32-bit word program of data 0xAAAAAAAA at address 0x0C5554 in XFlash
module.
FCR0H|= 0x2000;
/*Set WPG in FCR0H */
FARL = 0x5554;
/*Load Add in FARL*/
FARH = 0x000C;
/*Load Add in FARH*/
FDR0L = 0xAAAA;
/*Load Data in FDR0L*/
FDR0H = 0xAAAA;
/*Load Data in FDR0H*/
FCR0H|= 0x8000;
/*Operation start*/
5.5.2
Double word program
Example: Double word program (64-bit) of data 0x55AA55AA at address 0x095558 and
data 0xAA55AA55 at address 0x09555C in IFlash module.
FCR0H|= 0x1080;
/*Set DWPG, SMOD*/
FARL = 0x5558;
/*Load Add in FARL*/
FARH = 0x0009;
/*Load Add in FARH*/
FDR0L = 0x55AA;
/*Load Data in FDR0L*/
FDR0H = 0x55AA;
/*Load Data in FDR0H*/
FDR1L = 0xAA55;
/*Load Data in FDR1L*/
FDR1H = 0xAA55;
/*Load Data in FDR1H*/
FCR0H|= 0x8000;
/*Operation start*/
Double word program is always performed on the double word aligned on an even word. Bit
ADD2 of FARL is ignored.
5.5.3
Sector erase
Example: Sector erase of sectors B3F1 and B3F0 of Bank 3 in XFlash module.
FCR0H|= 0x0800;
/*Set SER in FCR0H*/
FCR1H|= 0x0003;
/*Set B3F1, B3F0*/
FCR0H|= 0x8000;
/*Operation start*/
5.5.4
Suspend and resume
Example: Word program, double word program, and sector erase operations can be
suspended in the following way:
FCR0H|= 0x4000;
/*Set SUSP in FCR0H*/
The operation can be resumed in the following way:
FCR0H|= 0x0800;
/*Set SER in FCR0H*/
FCR0H|= 0x8000;
/*Operation resume*/
Before resuming a suspended erase, FCR1H/FCR1L registers must be read to check if the
erase is already completed (FCR1H = FCR1L = 0x0000 if erase is complete). The original
setup of select operation bits in the FCR0H/L registers must be restored before the
operation resume, otherwise the operation is aborted and bit RESER of FER is set.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com