Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 21Page - STMicroelectronics ST10F296 Datasheet HTML 22Page - STMicroelectronics ST10F296 Datasheet HTML 23Page - STMicroelectronics ST10F296 Datasheet HTML 24Page - STMicroelectronics ST10F296 Datasheet HTML 25Page - STMicroelectronics ST10F296 Datasheet HTML 26Page - STMicroelectronics ST10F296 Datasheet HTML 27Page - STMicroelectronics ST10F296 Datasheet HTML 28Page - STMicroelectronics ST10F296 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Ball data
25/346
P3.0 to
P3.13, P3.15
R12
I
15-bit (P3.14 is missing)
bidirectional I/O port, bit-
wise programmable for input
or output via direction bit.
Programming an I/O pin as
input forces the
corresponding output driver
to high impedance state.
Port 3 outputs can be
configured as push-pull or
open-drain drivers. The
input threshold of Port 3 is
selectable (TTL or CMOS).
P3.0
T0IN
CAPCOM1: Timer T0 count
input
T13
O
P3.1
T6OUT
GPT2: Timer T6 toggle latch
output
P12
I
P3.2
CAPIN
GPT2: Register caprel
capture input
R13
O
P3.3
T3OUT
GPT1: Timer T3 toggle latch
output
T14
I
P3.4
T3EUD
GPT1: Timer T3 external
up/down control input
P13
I
P3.5
T4IN
GPT1: Timer T4 input for
count/gate/reload/capture
R14
I
P3.6
T3IN
GPT1: Timer T3 count/gate
input
P14
I
P3.7
T2IN
GPT1: Timer T2 input for
count/gate/reload/capture
R15
I/O
P3.8
MRST0
SSC0: Master receive/slave
transmit I/O
R16
I/O
P3.9
MTSR0
SSC0: Master
transmit/slave receive O/I
N14
I/O
P3.10
TxD0
ASC0: Clock/data output
(asynchronous/synchronous)
P15
O
P3.11
RxD0
ASC0: Data input
(asynchronous) or I/O
(synchronous)
P16
O
P3.12
BHE
External memory high byte
enable signal
WRH
External memory high byte
write strobe
M14
I/O
P3.13
SCLK0
SSC0: Master clock
output/slave clock input
T17
O
P3.15
CLKOUT
Clock output
(programmable divider on
CPU clock)
Table 2.
Ball description (continued)
Symbol
Ball
no.
Type
Function (including port, pin and alternate function where applicable)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com